Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SWF2012CF-R47K

  • AI
    The **SWF2012CF-R47K** is a surface-mount (SMD) wire-wound ferrite chip inductor. These components are primarily used for high-frequency filtering and energy storage in compact electronic circuits. --- ### 1. Component Breakdown The part number follows a standard naming convention that describes its physical and electrical characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **SWF** | Series | Wire-wound Ferrite Chip Inductor series. | | **2012** | Package Size | Imperial 0805 (Metric 2012): approx. 2.0mm x 1.25mm. | | **CF** | Material/Type | Ceramic-Ferrite core construction for high frequency. | | **R47** | Inductance | **0.47 µH** (Microhenries). The 'R' acts as a decimal point. | | **K** | Tolerance | **±10%** allowable deviation from the nominal value. | --- ### 2. Technical Specifications While exact values can vary slightly by manufacturer (such as ABC Taiwan or Taiyo Yuden), the typical parameters for this specific part are: * **Inductance:** 0.47 µH * **DC Resistance (DCR):** Usually low (approx. 0.15Ω to 0.45Ω) to minimize power loss. * **Rated Current:** Typically between 300mA and 600mA depending on the thermal limits. * **Self-Resonant Frequency (SRF):** High frequency (typically >250 MHz), making it suitable for signal lines. * **Operating Temperature:** Generally -40°C to +125°C. --- ### 3. Key Features & Applications The wire-wound construction provides distinct advantages over multilayer inductors, such as higher Q factors and higher current carrying capacities. #### Common Uses: * **EMI Suppression:** Used in high-frequency signal lines to filter out electromagnetic interference. * **RF Circuits:** Ideal for impedance matching and decoupling in Bluetooth, Wi-Fi, and GPS modules. * **Power Management:** Used in small DC-DC converters for mobile devices. * **Communication Equipment:** Found in smartphones, tablets, and wearable tech due to its small 0805 footprint. --- ### 4. Schematic Representation In a circuit diagram, it is represented by the standard inductor symbol: ```text L1 ----(UUU)---- 0.47 µH ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between wire-wound and multilayer inductors?
    • ⤷ Can this inductor be used in high-power switching power supplies?
    • ⤷ How does the 'Q factor' affect the performance of the SWF2012CF-R47K?