Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SWF2012RF

  • AI
    The **SWF2012RF** is a specific series of surface-mount (SMD) high-frequency chip inductors, primarily utilized in Radio Frequency (RF) circuits. These components are designed to filter noise or provide impedance matching in wireless communication devices. --- ### 1. Key Technical Specifications The part number "2012" refers to the physical dimensions of the component in the metric system. | Parameter | Specification Details | | :--- | :--- | | **Dimensions (Metric)** | 2.0mm x 1.25mm (Standard 0805 Imperial size) | | **Material Type** | Wire-wound or Ceramic core (depending on specific manufacturer suffix) | | **Frequency Range** | High-frequency (typically optimized for 100MHz to several GHz) | | **Common Applications** | Impedance matching, resonance circuits, and signal filtering | ### 2. Physical Characteristics The SWF2012RF series typically belongs to the **Wire-Wound** family of inductors. Unlike multilayer inductors, wire-wound versions offer: * **High Q Factor:** Excellent efficiency in maintaining signal integrity. * **High SRF (Self-Resonant Frequency):** Allows the part to function at higher frequencies without becoming capacitive. * **Tight Tolerance:** Often available in ±2% or ±5% variations. ### 3. Electronic Functionality in a Circuit In an RF layout, the SWF2012RF serves three primary roles: 1. **Impedance Matching:** Ensuring the maximum power transfer between the antenna and the RF transceiver. 2. **Choke Applications:** Blocking high-frequency AC noise while allowing DC current to pass through to power-sensitive components. 3. **Frequency Selection:** Working alongside capacitors to create LC filters (Low-pass, High-pass, or Band-pass). ### 4. Typical Part Number Breakdown While naming conventions vary slightly by manufacturer (e.g., Samwha or others), the code usually breaks down as follows: ```text SWF - 2012 - R - F - 10N | | | | | Series Size Type Tol. Inductance (e.g., 10nH) ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a wire-wound and a multilayer RF inductor?
    • ⤷ How do I determine the correct SRF for my wireless application?
    • ⤷ What are the typical power rating limits for 0805 size RF inductors?