Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SWFC5145

  • AI
    The **SWFC5145** is a specialized high-power, high-frequency transformer specifically designed for use in **Switch-Mode Power Supplies (SMPS)** and DC-DC converters. It is commonly utilized in industrial power electronics and EV charging systems. ### 1. Technical Specifications The following table highlights the typical electrical characteristics of the SWFC5145 series: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Input Voltage Range** | 180 - 450 | VDC | | **Switching Frequency** | 50 - 200 | kHz | | **Output Power** | 200 - 500 | Watts | | **Insulation Class** | Class B (130°C) or F (155°C) | - | | **Dielectric Strength** | 3000 | VAC (Pri to Sec) | --- ### 2. Core Electronic Components The functionality of the SWFC5145 relies on several key physical and electronic attributes: * **Magnetic Core (Ferrite):** It typically uses a high-permeability Manganese-Zinc (MnZn) ferrite core. This material is chosen for its low core loss at high frequencies, preventing the transformer from overheating during high-speed switching. * **Winding Structure:** It often features multi-filar windings or Litz wire to minimize the **Skin Effect** and **Proximity Effect**, which are common issues in high-frequency AC applications. * **Creepage and Clearance:** The internal construction follows strict safety standards to maintain distance between primary and secondary coils, ensuring high-voltage isolation. --- ### 3. Application in Circuits The SWFC5145 acts as the "energy transfer" bridge. Here is how it integrates with other electronic parts: 1. **MOSFET/IGBT Drivers:** These switch the input DC into a high-frequency square wave that enters the SWFC5145. 2. **Rectifier Diodes:** Located on the secondary side, these convert the transformed AC back into DC. 3. **Snubber Circuits:** Capacitors and resistors are usually placed across the transformer terminals to suppress voltage spikes caused by leakage inductance. --- ### 4. Typical Connection Diagram ```cpp // Schematic Logic Representation [DC Input] -> [Power MOSFET] -> [SWFC5145 Primary] | (Isolation) | [DC Output] <- [Schottky Diode] <- [SWFC5145 Secondary] ```
    ✨ Follow-up Questions
    • ⤷ What are the specific pin configurations for the SWFC5145?
    • ⤷ Which ferrite core shape (E
    • ⤷ ETD
    • ⤷ or PQ) does the SWFC5145 typically use?
    • ⤷ How does the leakage inductance of the SWFC5145 affect efficiency?