Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SWI0603F-R15J

  • AI
    The **SWI0603F-R15J** is a surface-mount (SMD) wire-wound chip inductor. This component is primarily used in high-frequency applications where high precision and quality factors ($Q$) are required. --- ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify the technical specifications of the component: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **SWI** | Series | Surface Wire-wound Inductor | | **0603** | Case Size | 0.06 x 0.03 inches (approx. 1.6 x 0.8 mm) | | **F** | Material/Process | Ferrite core (common for "F" designations in this series) | | **R15** | Inductance Value | **0.15 µH** (or 150 nH) | | **J** | Tolerance | **±5%** | --- ### 2. Technical Specifications While exact values can vary slightly by manufacturer (e.g., Cyntec, ABC Taiwan), typical parameters for an R15J (150nH) 0603 inductor are: * **Inductance:** 150 nH (Nanohenries). * **Tolerance:** ±5% (J). * **Self-Resonant Frequency (SRF):** Typically high, often > 500 MHz to 1 GHz. * **DC Resistance (DCR):** Usually in the range of 0.5Ω to 1.2Ω. * **Rated Current:** Generally handles between 200mA and 400mA depending on the specific core material. * **Operating Temperature:** Typically -40°C to +125°C. --- ### 3. Construction and Features The "Wire-wound" construction sets it apart from multilayer ceramic inductors: * **High Q Factor:** Because it uses actual copper wire wound around a core, it has lower resistive losses at high frequencies compared to multilayer types. * **Better Current Handling:** Wire-wound structures generally handle higher currents than their multilayer counterparts of the same size. * **Core Material:** The "F" often denotes a Ferrite core, which provides higher inductance values in a small footprint but may have lower saturation points than ceramic cores. --- ### 4. Common Applications * **RF Circuits:** Used in matching networks for antennas. * **Filtering:** High-frequency noise suppression in communication devices. * **Wireless Modules:** Found in Bluetooth, Wi-Fi, and GPS modules for signal tuning. * **Mobile Electronics:** Power management and signal integrity in smartphones. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a ceramic core and a ferrite core in 0603 inductors?
    • ⤷ How does the 'Q factor' affect the performance of this inductor in RF circuits?
    • ⤷ What are the footprint dimensions for an 0603 SMD component in millimeters?