Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SWI0603F-R27J

  • AI
    The **SWI0603F-R27J** is a surface-mount (SMD) wire-wound chip inductor. These components are commonly used in high-frequency RF (Radio Frequency) circuits due to their high performance and compact size. Below is a detailed breakdown of its specifications and electronic characteristics. ### 1. Part Number Deciphering Understanding the naming convention helps identify the part's core properties: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **SWI** | Series | Standard Wire-wound Inductor | | **0603** | Case Size | 0.6 x 0.3 inches (1.6 x 0.8 mm metric) | | **F** | Core Material | Ferrite Core (High inductance/impedance) | | **-R27** | Inductance | 0.27 µH (270 nH) | | **J** | Tolerance | ±5% | --- ### 2. Technical Specifications While exact values can vary slightly by manufacturer (such as Samwha or others), the standard specs for an **R27J** in the 0603 series are: * **Inductance:** 270 nH (Nanohenries) / 0.27 µH. * **Tolerance:** ±5% (indicated by the 'J'). * **Quality Factor (Q):** High Q factor, typically measured at a specific frequency (e.g., 100 MHz), ensuring low signal loss. * **DC Resistance (DCR):** Usually ranges between 0.5Ω and 1.5Ω (lower is better for efficiency). * **Rated Current:** Typically between 150mA and 400mA depending on the specific sub-series. * **Self-Resonant Frequency (SRF):** High SRF (typically > 500 MHz), allowing the part to remain inductive at high frequencies. --- ### 3. Physical Construction The **SWI0603F** uses a **Wire-wound** construction over a **Ferrite core**: * **Wire-wound:** Copper wire is wrapped around the core. This provides much higher "Q" factors and higher current handling compared to multilayer ceramic inductors. * **Ferrite Core:** Unlike ceramic cores (which are for very high MHz/GHz ranges), the Ferrite core allows for higher inductance values in a small 0603 package but is typically used for lower frequency ranges or power filtering. --- ### 4. Typical Applications * **RF Tuning:** Used in resonance circuits for wireless communication. * **Signal Filtering:** High-frequency noise suppression in mobile phones and Bluetooth modules. * **Impedance Matching:** Ensuring maximum power transfer between different stages of an RF amplifier. * **WLAN/Wi-Fi Modules:** Commonly found in the front-end modules of wireless devices. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Ferrite core and a Ceramic core inductor in the 0603 size?
    • ⤷ How does the 'Q factor' affect the performance of this inductor in an RF circuit?
    • ⤷ What are the recommended soldering profiles for SMD wire-wound inductors?