Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SWI0603F-R33K

  • AI
    ## SWI0603F-R33K: Component Specifications and Details The **SWI0603F-R33K** is a surface-mount (SMD) wire-wound chip inductor. It is commonly used in high-frequency applications, RF circuits, and telecommunications equipment due to its high Q factor and stability. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **SWI** | Series Type | Standard Wire-wound Inductor | | **0603** | Package Size | 0.6 x 0.3 inches (approx. 1.6 x 0.8 mm) | | **F** | Material/Process | Ferrite core (typically used for higher inductance values) | | **R33** | Inductance Value | R denotes decimal point: **0.33 µH (330 nH)** | | **K** | Tolerance | **±10%** | --- ### 2. Technical Specifications Below are the typical electrical parameters for this specific component: | Parameter | Value | | :--- | :--- | | **Inductance** | 330 nH (0.33 µH) | | **Tolerance** | ±10% | | **Quality Factor (Q)** | ~25 - 30 (Min) | | **Self-Resonant Frequency (SRF)** | ~450 MHz (Min) | | **DC Resistance (DCR)** | ~0.60 - 0.85 Ω (Max) | | **Rated Current** | ~350 - 450 mA | | **Operating Temperature** | -40°C to +125°C | --- ### 3. Key Features and Construction * **Wire-Wound Construction:** Unlike multilayer inductors, the wire-wound design provides a significantly higher **Q factor** (efficiency) and lower DC resistance, making it ideal for power-sensitive RF paths. * **Ferrite Core:** The "F" designation implies a ferrite core, which allows for higher inductance density in a small 0603 footprint compared to ceramic cores. * **Surface Mount (SMD):** Designed for automated pick-and-place assembly. --- ### 4. Common Applications This part is typically found in: * **RF Matching Networks:** Impedance matching for antennas in Wi-Fi or Bluetooth modules. * **Filters:** Low-pass or high-pass filters in communication devices. * **Decoupling:** Filtering high-frequency noise in DC power lines for sensitive ICs. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ceramic core and a ferrite core in 0603 inductors?
    • ⤷ How does the Q factor affect the performance of this inductor in an RF circuit?
    • ⤷ Are there recommended substitutes with a tighter tolerance than K (10%)?