Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SWI0805F-R33J

  • AI
    The **SWI0805F-R33J** is a high-frequency, surface-mount (SMD) wire-wound chip inductor. This specific part number follows standard industry nomenclature for passive components used in RF (Radio Frequency) and signal processing circuits. --- ### 1. Part Number Breakdown The code provides detailed specifications regarding its physical size and electrical properties: | Component Code | Meaning | Description | | :--- | :--- | :--- | | **SWI** | Series | Standard Wire-wound Inductor | | **0805** | Package Size | Imperial size (0.08 x 0.05 inches) / Metric 2012 | | **F** | Material/Type | Ferrite core (common for higher inductance values) | | **R33** | Inductance Value | **0.33 µH** (330 nH) | | **J** | Tolerance | **±5%** | --- ### 2. Key Technical Specifications While exact values can vary slightly by manufacturer (such as Samwha or Viking), the general characteristics for a R33J 0805 inductor are as follows: * **Inductance:** 330 nH (0.33 µH) * **Tolerance:** ±5% (J-grade) * **Quality Factor (Q):** Typically ranges from 20 to 45 depending on the test frequency. * **Self-Resonant Frequency (SRF):** Usually around 400 MHz to 600 MHz. * **DC Resistance (DCR):** Max 0.50 – 0.90 Ω (Higher than air-core due to the ferrite core). * **Rated Current:** Generally between 250mA and 450mA. --- ### 3. Construction and Material * **Core Material:** Ferrite. This allows for a higher inductance value in a small 0805 footprint compared to ceramic or air-core models. * **Winding:** Copper wire is wound around the core and laser-welded to the terminal pads. * **Coating:** Often encapsulated in epoxy resin for environmental protection and mechanical stability during pick-and-place assembly. --- ### 4. Typical Applications Because of its size and frequency response, the SWI0805F-R33J is commonly found in: 1. **RF Filtering:** Used in low-pass or band-pass filters for wireless communication. 2. **Impedance Matching:** Tuning antennas or RF amplifier stages. 3. **EMI Suppression:** Filtering high-frequency noise in power lines or signal paths. 4. **Decoupling:** Blocking AC signals from entering DC power rails. --- ### 5. Comparison: Ferrite vs. Ceramic Core | Feature | Ferrite (SWI0805F) | Ceramic (SWI0805C) | | :--- | :--- | :--- | | **Inductance Range** | High (uH range) | Low (nH range) | | **Current Handling** | Generally Higher | Lower | | **Q Factor** | Lower | Higher (Better for RF) | | **SRF** | Lower | Very High |
    ✨ Follow-up Questions
    • ⤷ What is the difference in performance between the J (5%) and K (10%) tolerance for this inductor?
    • ⤷ How does the SRF (Self-Resonant Frequency) limit the use of this component in high-speed circuits?
    • ⤷ Can this inductor be used in power supply switching regulators?