Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • SX2060-R

  • AI
    The **SX2060-R** is a specialized electronic module typically associated with **industrial remote control systems**, specifically those used for overhead cranes and heavy machinery (often manufactured by companies like SAGA). Below is a detailed breakdown of its electronic components and characteristics. --- ### 1. Technical Specifications Overview The SX2060-R functions primarily as a **RF Receiver module**. It is designed to interpret signals from a handheld transmitter and convert them into electrical outputs to drive relays or contactors. | Feature | Specification | | :--- | :--- | | **Component Type** | RF Receiver Unit (Industrial Grade) | | **Frequency Range** | Typically 433 MHz or 868 MHz (Region dependent) | | **Operating Voltage** | AC 48/110/220/380V or DC 12-24V | | **Output Type** | Relay Contact (Potential-free) | | **Housing Material** | Nylon + Glass Fiber (IP65/IP66 rated) | --- ### 2. Core Electronic Parts & Architecture #### A. Radio Frequency (RF) Front-End The "R" in the suffix usually denotes the **Receiver** board. It contains: * **Antenna Terminal:** A SMA or fixed wire connection for signal reception. * **Crystal Oscillator:** Provides a stable reference frequency for narrow-band FM or FSK modulation. * **Decoding IC:** A microprocessor (MCU) that decodes the incoming digital "ID Code" to ensure only the paired transmitter can control the machine. #### B. Power Supply Section Because these units are installed on industrial equipment, the internal power circuit is robust: * **Transformer/Switching Regulator:** Steps down high industrial voltages (e.g., 380V AC) to 5V or 12V DC for the logic boards. * **Varistors (MOVs):** Protect against voltage surges common in factory environments. #### C. Output Interface (Relays) The SX2060-R typically features a bank of **Electromechanical Relays**: * **Capacity:** Usually rated for 5A to 10A at 250VAC. * **Configuration:** Each relay corresponds to a function (Up, Down, East, West, North, South). * **Safety Relay:** A dedicated "Main" or "E-Stop" relay that cuts power to all other outputs if the signal is lost. --- ### 3. Safety & Diagnostic Components Industrial receivers like the SX2060-R include specific hardware for reliability: 1. **Hamming Code Logic:** Software/Hardware error detection to prevent unintended movements caused by interference. 2. **LED Status Indicators:** * *Power LED:* Indicates internal DC voltage is present. * *Signal/RF LED:* Flashes when a valid telegram is received. * *Error LED:* Indicates ID mismatch or hardware failure. 3. **EEPROM Chip:** Stores the unique 32-bit ID code and configuration settings so they aren't lost during power outages. --- ### 4. Wiring Diagram Concept Internally, the wiring follows a standardized terminal block layout: ```text [ Terminal Block ] |-- COM (Common Line) |-- Main/Start Relay |-- Function 1 (Up) |-- Function 2 (Down) |-- Power Input (L/N) ```
    ✨ Follow-up Questions
    • ⤷ What is the standard procedure for pairing an SX2060-R with a new transmitter?
    • ⤷ What are the common causes for the 'Error' LED to blink on this module?
    • ⤷ Can the SX2060-R be programmed for momentary vs. latching relay behavior?