Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • T-16632

  • AI
    Based on technical specifications for common industrial and consumer electronic components, the **T-16632** usually refers to a specific series of **telecommunication/signal transformers** or **DC-DC converter transformers**. Below is a detailed breakdown of its electronic characteristics and typical functions. --- ## 1. Component Overview The T-16632 is primarily an **Inductive Component**. Depending on the manufacturer (such as Pulse Electronics or Tamura), it is designed for signal isolation and impedance matching. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Signal Transformer / Isolation Transformer | | **Mounting Type** | Surface Mount (SMD) or Through-Hole (THT) | | **Core Material** | Ferrite (High Permeability) | | **Primary Application** | ISDN, ADSL, or Power Supply Feedback | --- ## 2. Key Electronic Characteristics These parts are engineered to handle specific frequencies without distorting the electronic signal. ### A. Turns Ratio This is the most critical electronic aspect. It determines the voltage transformation between the primary and secondary windings. * **Common Ratio:** Often 1:1 or 1:2, ensuring the output voltage matches or doubles the input while maintaining galvanic isolation. ### B. Isolation Voltage The T-16632 is designed to provide safety barriers. * **Dielectric Strength:** Typically rated for **1500Vrms to 3000Vrms**. This prevents high-voltage spikes on the line side from damaging the sensitive logic circuits on the controller side. ### C. Frequency Response * Optimized for high-frequency data transmission. * Low **Insertion Loss** (usually < 0.5 dB) ensures that the signal strength does not degrade as it passes through the magnetic field. --- ## 3. Circuit Configuration In a typical circuit, the T-16632 interacts with the following parts: 1. **Driver IC:** Sends the pulse or data stream into the primary winding. 2. **Capacitors:** Often placed in series to block DC components and allow only AC signals to pass. 3. **TVS Diodes:** Placed near the transformer to protect the T-16632 from transient over-voltages. --- ## 4. Typical Applications * **Telecommunications:** Used in modem front-ends to separate the local device from the telephone line. * **Power over Ethernet (PoE):** Providing power extraction and data isolation. * **Industrial Controls:** Isolating RS-485 or CAN bus signals in noisy environments. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer for your T-16632 part?
    • ⤷ Are you looking for the pinout diagram of this transformer?
    • ⤷ Do you need help calculating the impedance matching for this part?