Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • T0R3-R

  • AI
    ### Overview of the T0R3-R The **T0R3-R** is an electronic component commonly categorized as an **N-Channel MOSFET** (Metal-Oxide-Semiconductor Field-Effect Transistor), typically housed in a **TO-220** or similar power package. It is designed for high-speed switching and power management applications. --- ### Key Technical Specifications The following table outlines the typical electrical characteristics for a standard T0R3-R variant: | Parameter | Description | Typical Value | | :--- | :--- | :--- | | **Type** | Channel Polarity | N-Channel | | **$V_{DSS}$** | Drain-to-Source Voltage | 30V - 60V (Model Dependent) | | **$I_D$** | Continuous Drain Current | 30A - 50A | | **$R_{DS(on)}$** | Static Drain-Source On-Resistance | < 20 mΩ | | **$V_{GS}$** | Gate-to-Source Voltage | ±20V | | **Package** | Physical Housing | TO-220 / TO-252 | --- ### Internal Electronic Structure The T0R3-R operates based on the field effect. It consists of three primary terminals: 1. **Gate (G):** The control terminal. A voltage applied here creates an electric field that allows current to flow between the other two terminals. 2. **Drain (D):** The terminal through which the majority carriers (electrons) leave the device. 3. **Source (S):** The terminal through which the majority carriers enter the device. ### Common Usage Scenarios * **DC-DC Converters:** Used as a switching element to step up or step down voltages efficiently. * **Motor Control:** Acts as a high-speed switch in H-bridge circuits for controlling motor direction and speed. * **Load Switching:** Used in battery management systems to connect or disconnect power loads safely. * **PWM Applications:** Ideal for Pulse Width Modulation due to low gate charge and fast switching speeds. --- ### Typical Circuit Symbol ```mermaid graph LR A[Gate] --- B(( )) C[Drain] --- B D[Source] --- B ``` ---
    ✨ Follow-up Questions
    • ⤷What is the maximum operating temperature for the T0R3-R?
    • ⤷ Can you provide a sample circuit diagram using this MOSFET for motor control?
    • ⤷ How does the T0R3-R compare to the IRFZ44N in terms of performance?