Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • T175

  • AI
    The **T175** typically refers to the **Antminer T17**, a high-performance ASIC (Application-Specific Integrated Circuit) miner produced by Bitmain. Its electronics are designed for the high-intensity task of SHA-256 hashing (Bitcoin mining). Below is a breakdown of the core electronic components and systems within the T17 series. --- ### 1. The Hash Boards The hash boards are the heart of the T17. Each unit usually contains three boards. | Component | Description | | :--- | :--- | | **ASIC Chips** | Uses the **BM1397** 7nm chips. These are dedicated processors designed only to calculate SHA-256 hashes. | | **Voltage Regulators** | DC-DC buck converters that drop the PSU voltage (approx. 12V-14V) down to the very low voltage (around 0.3V - 0.4V) required by the chips. | | **Temperature Sensors** | Multiple thermistors (NTCs) placed near the chips to monitor heat and trigger safety shutdowns if thresholds are exceeded. | | **Heat Sinks** | Large aluminum plates attached to the chips. Note: The T17 is known for "heatsink displacement" issues where the solder/glue fails due to heat cycling. | ### 2. The Control Board This acts as the "brain" of the miner, managing network communication and chip coordination. * **Processor:** Usually a Xilinx Zynq-7000 series SoC (System on Chip) or similar ARM-based controller. * **Connectivity:** Ethernet port for pool communication and a MicroSD slot for firmware recovery/updates. * **Interface:** 18-pin or 24-pin ribbon cable connectors that send data to the hash boards. ### 3. Power Supply Unit (PSU) The T17 often uses the **APW9** or **APW9+** power supply. * **Integrated Design:** Unlike older models, the PSU is bolted directly to the side and connected via copper busbars to reduce resistance and power loss. * **Active PFC:** Power Factor Correction electronics to improve energy efficiency. * **Protection Circuits:** OVP (Over Voltage Protection), OCP (Over Current Protection), and OTP (Over Temperature Protection). ### 4. Cooling System * **Fans:** High-RPM (6000+ RPM) DC brushless fans. * **PWM Control:** The control board uses Pulse Width Modulation to adjust fan speed dynamically based on the temperature sensors on the hash boards. --- ### Technical Specifications Summary | Specification | Detail | | :--- | :--- | | **Chip Process** | 7nm FinFET | | **Hashing Algorithm** | SHA-256 | | **Input Voltage** | 200V ~ 240V AC | | **Internal Logic Voltage** | 12.0V ~ 14.5V DC | | **Communication Interface** | Ethernet (RJ45) | --- ### Common Electronic Failures in T17 1. **Solder Fatigue:** The lead-free solder used on the BM1397 chips can crack, causing "missing chips" on the dashboard. 2. **Capacitor Failure:** High heat levels in the PSU can cause electrolytic capacitors to bulge or leak. 3. **PIC Microcontroller Errors:** Small PIC chips on the hash boards can lose their programming or fail, preventing the board from booting.
    ✨ Follow-up Questions
    • ⤷ How do I troubleshoot a 'missing chips' error on a T17 hash board?
    • ⤷ What are the voltage requirements for the APW9 power supply?
    • ⤷ How does the BM1397 chip compare to newer ASIC generations?