Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • T2-1Z1-R

  • AI
    The **T2-1Z1-R** is a specific electronic component, typically categorized as a **Broadband RF Transformer** or a **Surface Mount Balun**, often manufactured by companies like *Mini-Circuits* (or similar manufacturers using compatible naming conventions). Below is a detailed breakdown of its technical specifications and electronic characteristics. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Component Type** | RF Transformer / Balun | | **Frequency Range** | Typically 0.07 MHz to 200 MHz | | **Impedance Ratio** | 1:1 (Primary to Secondary) | | **Configuration** | Case Style: KK81 (Surface Mount) | | **Insertion Loss** | ~3 dB (Typical across range) | | **Power Rating** | 0.25W (Maximum) | | **Operating Temperature** | -20°C to +85°C | --- ### 2. Core Electronic Functions The T2-1Z1-R serves three primary roles in an electronic circuit: * **Impedance Matching:** While this specific model is a **1:1 ratio**, it is used to match the source impedance to the load impedance without changing the voltage/current levels, ensuring maximum power transfer in RF circuits. * **Balun (Balanced to Unbalanced):** It converts signals between balanced lines (like a twisted pair) and unbalanced lines (like a coaxial cable). * **DC Isolation:** Because the primary and secondary windings are magnetically coupled but physically separated, it provides DC isolation between different stages of a circuit. --- ### 3. Circuit Configuration Most components in this series use a **Secondary Center-Tapped** configuration. ```mermaid graph LR A[Input 1] --- Coil1((Primary)) B[Input 2] --- Coil1 Coil1 -. Magnetic Coupling .- Coil2((Secondary)) C[Output 1] --- Coil2 D[Center Tap] --- Coil2 E[Output 2] --- Coil2 ``` --- ### 4. Typical Applications 1. **Impedance Matching:** Used in the front-end of radio receivers to match the antenna to the amplifier. 2. **Signal Processing:** Splitting or combining signals in communication equipment. 3. **Push-Pull Amplifiers:** Providing the necessary phase inversion for high-efficiency amplifier stages. 4. **Pulse Transformation:** Handling fast-rising digital pulses in telecommunications. --- ### 5. Footprint and Mounting The "R" suffix often indicates **RoHS Compliance** (Lead-free). * **Package:** It is a Surface Mount Device (SMD). * **Termination:** Typically features aqueous washable leads for industrial soldering processes.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a 1:1 and 1:4 impedance ratio transformer?
    • ⤷ How do I calculate the insertion loss for the T2-1Z1-R at a specific frequency?
    • ⤷ Are there specific PCB layout considerations for RF transformers to avoid signal noise?