T225G-R100-KB
AI

The **T225G-R100-KB** refers to a specific series of high-precision, wirewound potentiometers (frequently associated with brands like Tokyo Cosmos Electric - TOCOS). These components are primarily used for precise resistance adjustment in industrial and laboratory equipment.
---
## 1. Technical Specifications
Below is a breakdown of the typical electronic characteristics for this part number:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Multi-turn Wirewound Potentiometer |
| **Resistance Value** | 100 $\Omega$ (indicated by "R100") |
| **Resistance Tolerance** | ±5% (Standard) |
| **Power Rating** | 2.0 Watts (at 40°C) |
| **Rotational Life** | ~1,000,000 cycles |
| **Number of Turns** | 10 Turns |
| **Temperature Coefficient** | ±20 ppm/°C |
---
## 2. Part Number Breakdown
Understanding the nomenclature helps in identifying its specific physical and electrical build:
* **T225G**: The series designation. "22" usually indicates a 22mm diameter body. The "G" often signifies a specific bushing or shaft style (usually a metal threaded bushing).
* **R100**: The resistance value. "R" acts as the decimal or multiplier; in this context, it represents **100 Ohms**.
* **KB**: This suffix typically denotes the **Linearity Tolerance** (B = ±0.25% or similar) and the **Taper Type** (Linear).
---
## 3. Key Electronic Features
### Wirewound Element
Unlike carbon film potentiometers, this device uses a resistive wire (often Nichrome) wound around an insulated core.
* **Pro:** Excellent power handling and thermal stability.
* **Con:** Higher inductance, making it less suitable for high-frequency RF applications.
### 10-Turn Precision
The internal mechanism requires 10 full 360° rotations to move the wiper from 0$\Omega$ to 100$\Omega$. This provides extremely high resolution, allowing a user to set a resistance value with minute accuracy (e.g., increments of 0.1$\Omega$).
### Mechanical Construction
* **Housing:** Usually glass-filled nylon or aluminum.
* **Terminals:** Gold-plated or tin-plated brass terminals for reliable soldering.
* **Shaft:** Stainless steel or nickel-plated brass to prevent corrosion.
---
## 4. Typical Applications
Because of its durability and precision, the T225G-R100-KB is commonly found in:
1. **Medical Equipment:** Adjusting sensitive sensor calibrations.
2. **Industrial Controls:** Setting motor speeds or voltage thresholds in power supplies.
3. **Test & Measurement:** Used in bridge circuits or as a variable load in laboratories.
4. **Avionics:** Cockpit instrumentation adjustments.
---
- ⤷
How does the 'R100' code change for a 10k Ohm version of this part?
- ⤷ What is the difference between a wirewound and a cermet potentiometer in terms of electronic noise?
- ⤷ What are the mounting hole requirements for the T225G series?