Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • T225M-R10-KB

  • AI
    Based on the part number **T225M-R10-KB**, this component belongs to a series of high-precision, high-power shunt resistors typically manufactured by brands like **Isabellenhütte** (ISA-PLAN series). These components are designed for current sensing in industrial, automotive, and power electronics applications. --- ## 1. Technical Specifications Breakdown The alphanumeric code provides specific details regarding the electrical characteristics of the part: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Series Type** | T225M | High-power current sense resistor (Metal Foil). | | **Resistance Value** | R10 | **0.10 Ohms** (100 mΩ). | | **Tolerance** | K | **±10%** (Note: "F" is usually ±1%, "K" is ±10%). | | **Temperature Coeff.** | B | Indication of the temperature coefficient (PPM/K). | --- ## 2. Key Features ### A. Construction These resistors are typically made from **Manganin** or similar specialty alloys. The metal foil is bonded to a substrate (ceramic or copper) to provide excellent heat dissipation and mechanical stability. ### B. High Power Handling Designed to handle significant current flow. In the T225 series context, these can often handle power ratings from **3W to 5W** depending on the specific mounting and cooling (heatsinking) provided. ### C. Low Inductance Because they are non-inductive metal foil designs, they are suitable for high-frequency switching environments without introducing significant noise or signal distortion. --- ## 3. Common Applications This specific component is widely used in the following circuits: 1. **Current Sensing:** Measuring the current flow in battery management systems (BMS). 2. **Motor Control:** Feedback loops for DC and AC motor drives to monitor torque and speed. 3. **Power Supplies:** Switch-mode power supply (SMPS) regulation and overcurrent protection. 4. **Automotive Electronics:** Used in electric vehicle (EV) inverters and DC-DC converters. --- ## 4. Summary Table | Feature | Value | | :--- | :--- | | **Resistance** | 100 mΩ | | **Technology** | Metal Foil / Shunt | | **Stability** | High (Low thermal EMF) | | **Mounting** | Surface Mount (SMD) | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum power rating (Wattage) for the T225M series?
    • ⤷ Can you provide the footprint dimensions for this SMD component?
    • ⤷ How does a 100m\u03a9 shunt compare to a 1m\u03a9 shunt in terms of voltage drop?