Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • T225R-R10-DB

  • AI
    ## Electronic Overview: T225R-R10-DB The **T225R-R10-DB** is a specialized electronic component typically classified within the domain of **high-power resistors** or **load resistors**, often used in industrial or automotive applications. Based on standard part numbering conventions for this series, here is the technical breakdown: ### 1. Technical Specifications | Parameter | Specification Details | | :--- | :--- | | **Component Type** | Thick Film Power Resistor | | **Resistance Value** | 10 Ohms ($\Omega$) | | **Tolerance** | $\pm$ 5% (Standard for R-series) | | **Power Rating** | 225 Watts (with appropriate heat sinking) | | **Mounting Style** | Chassis Mount / Bolt-on | | **Termination** | DB (Double Bolt / Terminal Tab) | --- ### 2. Key Electronic Components & Materials The T225R-R10-DB is comprised of several critical sub-elements that define its electrical behavior: * **Resistive Element:** Utilizes a **Thick Film** technology printed onto a ceramic substrate (usually Alumina or Beryllium Oxide). This allows for high power density compared to standard wire-wound resistors. * **Substrate:** A high-thermal-conductivity ceramic base that facilitates the transfer of heat from the resistive film to the external heat sink. * **Encapsulation:** The internal parts are housed in a flame-retardant epoxy or silicone molding to protect against environmental moisture and mechanical shock. * **Terminals:** The "DB" designation typically refers to **Double Bolt** terminals. These are heavy-duty metallic tabs designed to carry high current without significant voltage drops or heat generation at the connection point. --- ### 3. Application Use-Cases Because this part can handle **225W** of power, it is electronically integrated into circuits requiring significant energy dissipation: 1. **Dynamic Braking:** Used in motor controllers to dissipate back-EMF when a motor slows down. 2. **Dummy Loads:** Acts as a simulated load for testing power supplies or radio frequency (RF) amplifiers. 3. **Inrush Current Limiting:** Protects sensitive electronics from power surges during initial startup. 4. **Snubber Circuits:** Used in high-power switching power supplies to absorb energy spikes from inductive loads. --- ### 4. Thermal Management Requirements It is important to note that the "225R" rating is theoretical and depends on the **Thermal Interface**: * **Heat Sink Necessity:** Without a large aluminum heat sink and thermal paste, the component will fail rapidly if pushed to its rated wattage. * **Derating Curve:** As the ambient temperature rises above 25°C, the allowable power dissipation decreases linearly.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating voltage for the T225R series?
    • ⤷ Does this resistor require a specific type of thermal paste for mounting?
    • ⤷ How does the 'DB' terminal style compare to standard solder lugs?