Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • T225R-R100-KB

  • AI
    ## Analysis of Electronic Component: T225R-R100-KB The part number **T225R-R100-KB** typically refers to a high-power, wirewound resistor often used in industrial applications. Below is a detailed breakdown of its specifications, construction, and typical use cases. --- ### 1. Technical Specifications Based on standard naming conventions for industrial power resistors (such as those produced by TE Connectivity or similar manufacturers), here is the technical breakdown: | Feature | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Wirewound Resistor | High-power resistive element | | **Resistance Value** | 100 $\Omega$ | Indicated by "R100" | | **Tolerance** | $\pm$ 10% | Indicated by "K" (Standard industrial tolerance) | | **Power Rating** | 225 Watts | Indicated by "225" (at 25°C ambient) | | **Mounting Style** | Tubular / Bracket | Designed for chassis or panel mounting | | **Coating** | Vitreous Enamel / Silicone | Provides insulation and environmental protection | --- ### 2. Physical Construction The **T225R** series is designed for durability and high heat dissipation: * **Core:** A ceramic (steatite or alumina) hollow tube. * **Winding:** A resistive alloy wire (such as Nickel-Chrome) wound precisely around the core. * **Terminals:** Usually stainless steel or tinned copper lugs (radial or bolt-on) to handle high currents. * **Coating:** The "R" in the suffix often denotes a specialized rugged coating that protects the wire from oxidation and mechanical damage. --- ### 3. Key Applications Due to its high power rating (225W), this component is not found on standard PCBs but rather in large power systems: 1. **Dynamic Braking:** Used to dissipate excess energy from electric motors when they slow down. 2. **Load Banks:** Acts as a dummy load for testing power supplies or batteries. 3. **Inrush Current Limiting:** Used in large industrial motor starters to limit the initial surge of electricity. 4. **Heater Elements:** Can be used in controlled environments to generate specific amounts of heat. --- ### 4. Safety and Thermal Management > **Warning:** A 225W resistor generates significant heat during operation. * **Derating:** If the ambient temperature exceeds 25°C, the power capacity must be derated (lowered) according to the manufacturer's chart. * **Clearance:** Ensure at least 2-4 inches of clearance from heat-sensitive components. * **Mounting:** Always use the recommended mounting brackets to allow for airflow through the center of the ceramic tube. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum operating temperature for this resistor?
    • ⤷ Are there specific mounting brackets required for the T225R series?
    • ⤷ How does the 'R' suffix specifically change the environmental rating of the component?