Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TAT07-R01

  • AI
    The **TAT07-R01** is a specialized electronic control board commonly associated with **commercial refrigeration systems** and **HVAC units** (frequently found in brands like Beverage-Air or Victory). It serves as the main logic controller for temperature regulation and component cycling. --- ### 1. Key Electronic Components The board consists of several critical stages that manage high-voltage loads using low-voltage logic: | Component Type | Function | Specifications (Typical) | | :--- | :--- | :--- | | **Microcontroller** | The "Brain" of the board | Processes sensor data and executes timing logic. | | **Power Relays** | Switching mechanism | Controls the Compressor, Evaporator Fans, and Defrost Heaters. | | **Transformer** | Voltage Stepping | Steps down 115V/230V AC to 12V/24V DC for the logic circuit. | | **Thermistor Ports** | Sensor Inputs | Interfaces with NTC probes to monitor air and coil temperature. | | **Terminal Block** | Power Distribution | Screw or spade terminals for line voltage and load connections. | --- ### 2. Functional Operations The electronic architecture of the TAT07-R01 is designed to handle three primary sequences: #### A. Temperature Sensing The board utilizes **NTC (Negative Temperature Coefficient)** thermistors. As the temperature rises, the resistance drops. The microcontroller interprets this voltage change to determine when to trigger the compressor relay. #### B. Defrost Logic Unlike simple timers, this board often uses "Demand Defrost" or "Timed Defrost." * **Electronics involved:** A dedicated relay initiates the heating element or reverses the valve. * **Termination:** It uses a second sensor (coil sensor) to end the defrost cycle once the ice has melted. #### C. Safety & Delay Timers To protect the compressor, the board includes integrated **Short Cycle Protection**. This is an electronic delay (usually 3–5 minutes) that prevents the compressor from restarting too quickly after a power interruption or shutdown. --- ### 3. Technical Specifications Summary * **Input Voltage:** Usually 115VAC or 230VAC (Model dependent). * **Output Rating:** Relays are typically rated for 1/2 HP to 1 HP compressors. * **Enclosure:** Often open-board or housed in a plastic protective tray. * **User Interface:** Frequently connects to a remote LED display for temperature readouts and parameter adjustment. --- ### 4. Common Failure Points If troubleshooting the TAT07-R01, focus on these electronic areas: 1. **Relay Contacts:** Over time, the internal points can pit or weld shut, causing the compressor to run constantly or not at all. 2. **Capacitors:** Look for "bulging" on the electrolytic capacitors, which can cause erratic logic or "ghost" reboots. 3. **Sensor Drift:** If the board reads temperatures incorrectly, the fault is usually in the thermistor probes rather than the board itself.
    ✨ Follow-up Questions
    • ⤷ How do I test the relays on a TAT07-R01 using a multimeter?
    • ⤷ What are the specific error codes displayed by this controller?
    • ⤷ Can this board be programmed for both Fahrenheit and Celsius?