Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TCB3JB5L00

  • AI
    The **TCB3JB5L00** is a specialized electronic component, specifically a **Current Sensing Resistor** (Shunt Resistor) manufactured by **TE Connectivity**. This part is designed for high-precision measurement of electrical current in power circuits. ### 1. Technical Specifications The part number follows a specific nomenclature that defines its electrical properties: | Parameter | Specification | | :--- | :--- | | **Resistance Value** | 5 mΩ (0.005 Ohms) | | **Power Rating** | 3 Watts | | **Tolerance** | ±5% (J rating) | | **Technology** | Metal Film / Metal Plate | | **Mounting Type** | Through-Hole | | **Series** | TCB (Current Sense) | --- ### 2. Physical Construction The TCB series is built to handle significant thermal stress and high current flow: * **Radial Lead Design:** It features a vertical "U" or "M" shaped metal element. This shape provides a high surface area for heat dissipation and keeps the resistive element away from the PCB surface to prevent heat damage. * **Material:** It uses a high-stability metal alloy (typically Manganin or similar) which ensures a low **Temperature Coefficient of Resistance (TCR)**. This means the resistance value stays stable even as the part heats up. * **Sensing Style:** It is often used in a "4-terminal" configuration (Kelvin sensing) in high-end designs, though the physical part itself is a 2-lead device. --- ### 3. Key Applications Because of its very low resistance (5mΩ) and high power handling (3W), this component is found in: 1. **Battery Management Systems (BMS):** Monitoring the charge and discharge rates of battery packs. 2. **Motor Controllers:** Measuring phase current to ensure smooth motor operation and overcurrent protection. 3. **Power Supplies:** Implementing current-mode control or overload detection. 4. **DC-DC Converters:** Providing feedback for current regulation loops. --- ### 4. Working Principle This component works based on **Ohm's Law ($V = I \times R$)**. By placing this 0.005Ω resistor in series with a load, a very small voltage drop occurs across it as current flows. * **Example:** If 10 Amps flow through the TCB3JB5L00: * $V = 10A \times 0.005\Omega = 0.05V$ (50mV). * A microcontroller or Op-Amp can measure this 50mV signal to calculate that exactly 10 Amps are flowing.
    ✨ Follow-up Questions
    • ⤷ What are the specific dimensions and lead spacing of the TCB3JB5L00?
    • ⤷ Can this resistor be used in AC current sensing applications?
    • ⤷ What are the recommended heat sinking strategies for 3W shunt resistors?