Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TCDA0707-R39M

  • AI
    ## Overview of TCDA0707-R39M The **TCDA0707-R39M** is a high-performance **Surface Mount Device (SMD) Power Inductor**. It is part of a series typically designed for high-current applications where stability and efficiency are critical, such as DC-DC converters and power supply modules. --- ### 1. Technical Specifications Below are the primary electrical characteristics typically associated with this specific part number: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Inductance** | 0.39 µH | The nominal inductance value (R39 = 0.39). | | **Tolerance** | ±20% | Denoted by the "M" suffix. | | **Package Size** | 0707 | Refers to physical dimensions (approx. 7.0 x 7.0 mm). | | **Core Material** | Composite/Metal Alloy | Designed for high saturation and low core loss. | | **Shielding** | Magnetically Shielded | Reduces Electromagnetic Interference (EMI). | --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying the component's capabilities: 1. **TCDA**: Series identifier (often indicating a molded power inductor with high reliability). 2. **0707**: Physical footprint (Length and Width in millimeters). 3. **R39**: Inductance value where 'R' acts as a decimal point ($0.39 \mu H$). 4. **M**: Tolerance code (M = ±20%). --- ### 3. Key Electronic Features The TCDA0707-R39M is engineered for modern power electronics: * **High Saturation Current ($I_{sat}$):** Because it uses a metal alloy composite core, it can handle high peak currents without the inductance dropping off sharply. * **Low DC Resistance (DCR):** The internal windings are optimized to minimize power loss as heat, increasing overall system efficiency. * **Thermal Stability:** These inductors are rated for wide temperature ranges (often up to $125^\circ C$ or $150^\circ C$), making them suitable for automotive or industrial use. * **Low Buzz Noise:** The molded construction minimizes mechanical vibrations caused by magnetic fields. --- ### 4. Common Applications * **Voltage Regulator Modules (VRMs):** Used in CPUs and GPUs for high-speed switching. * **DC-DC Converters:** Buck, Boost, and Buck-Boost topologies. * **Consumer Electronics:** Laptops, tablets, and high-density power supplies. * **Automotive:** Infotainment and ADAS systems (if AEC-Q200 qualified). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current rating for the TCDA0707-R39M?
    • ⤷ How does the metal alloy core compare to traditional ferrite cores in this inductor?
    • ⤷ Is there a recommended soldering profile for the 0707 package size?