Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TCDA0707-R68M

  • AI
    The **TCDA0707-R68M** is a high-performance, surface-mount (SMD) power inductor commonly used in DC-DC converters and voltage regulator modules (VRMs). It is designed to handle high currents while maintaining a compact footprint. --- ## 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical characteristics of the component: | Component Segment | Meaning | Details | | :--- | :--- | :--- | | **TCDA** | Series/Type | Metal Alloy/Molded Power Inductor | | **0707** | Dimensions | Approx. 7.0mm x 7.0mm footprint | | **R68** | Inductance Value | **0.68 µH** (R denotes the decimal point) | | **M** | Tolerance | **±20%** (Industry standard for power inductors) | --- ## 2. Technical Specifications Below are the typical electrical parameters for this specific part: ### Electrical Characteristics * **Inductance:** 0.68 µH * **DC Resistance (DCR):** Typically very low (mΩ range) to minimize power loss. * **Saturation Current ($I_{sat}$):** The current level where inductance drops by a specific percentage (usually 20-30%). These are typically rated for high peak currents (15A - 25A+ depending on specific manufacturer build). * **Heat Rating Current ($I_{rms}$):** The continuous current that causes a specific temperature rise (usually 40°C). ### Physical Attributes * **Construction:** Shielded, molded construction using metal alloy powder. * **Benefits:** This design offers low acoustic noise and low magnetic flux leakage (EMI shielding). --- ## 3. Key Applications Due to its low inductance and high current capacity, the TCDA0707-R68M is found in: 1. **Computing:** CPU/GPU power supplies (Vcore) in laptops and desktops. 2. **Point of Load (POL) Converters:** High-efficiency DC-DC step-down modules. 3. **Telecommunications:** Distributed power systems and base stations. 4. **Battery Powered Devices:** High-current power management systems where space is at a premium. --- ## 4. Advantages of Metal Alloy Inductors Compared to traditional ferrite core inductors, the **TCDA series** provides: * **Soft Saturation:** The inductance decreases gradually as current increases, rather than dropping sharply. * **Thermal Stability:** Performance remains consistent over a wide temperature range. * **Compactness:** Higher energy density allows for a smaller physical size relative to current handling.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the TCDA0707-R68M from other manufacturers?
    • ⤷ How does the DCR of this inductor affect the overall efficiency of a DC-DC converter?
    • ⤷ What is the typical operating temperature range for this component?