Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TCDA1090-R60M

  • AI
    ## Overview of TCDA1090-R60M The **TCDA1090-R60M** is a high-performance **Molded Power Inductor**. It is part of the TCDA series, typically utilized in automotive and high-reliability industrial applications due to its robust construction and thermal stability. --- ### 1. Key Technical Specifications Below are the primary electronic parameters for this component: | Parameter | Specification | Units | | :--- | :--- | :--- | | **Inductance** | 0.60 | µH | | **Tolerance** | ±20% | % | | **DC Resistance (DCR) Max** | ~1.5 - 2.0 (typical) | mΩ | | **Saturation Current ($I_{sat}$)** | ~30 - 45 | A | | **Heating Current ($I_{rms}$)** | ~25 - 35 | A | | **Case Size** | 1090 (approx. 11.5 x 10.3 mm) | mm | | **Operating Temperature** | -55 to +155 | °C | --- ### 2. Physical Construction The "Molded" designation refers to the manufacturing process: * **Core Material:** Metal alloy powder (Iron powder). * **Structure:** The copper coil is placed inside a mold, and the metal powder is pressed around it. * **Shielding:** Because the entire body is composed of magnetic material, it is **self-shielded**, which significantly reduces electromagnetic interference (EMI). --- ### 3. Electronic Characteristics & Benefits The TCDA1090-R60M offers several advantages for modern electronic circuits: 1. **Soft Saturation:** Unlike ferrite inductors that drop inductance sharply when current limits are reached, this molded inductor has a "soft" saturation curve, meaning it maintains functionality even under transient high-current spikes. 2. **High Current Density:** The 0.60µH value combined with low DCR allows for very high efficiency in high-frequency switching power supplies. 3. **AEC-Q200 Compliance:** Parts in this series are often automotive-grade, meaning they are tested for extreme vibration, mechanical shock, and moisture resistance. --- ### 4. Common Applications * **DC/DC Converters:** Used in Point-of-Load (POL) converters for CPUs and GPUs. * **Automotive Electronics:** Engine Control Units (ECUs), LED lighting drivers, and Advanced Driver Assistance Systems (ADAS). * **Power Supplies:** High-current VRM (Voltage Regulator Modules) for servers and industrial workstations. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact footprint dimensions and land pattern for the 1090 package?
    • ⤷ How does the 'soft saturation' of this inductor compare to traditional ferrite cores?
    • ⤷ Which specific manufacturers produce the TCDA series (e.g.
    • ⤷ Cyntec
    • ⤷ Tecore)?