Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TCDA1090-R80M

  • AI
    The **TCDA1090-R80M** is a high-performance power inductor, typically categorized as a **Molded Power Choke**. These components are essential in modern power electronics for energy storage and noise filtering. ### 1. Key Technical Specifications The part number follows a specific nomenclature that defines its physical and electrical characteristics. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Inductance** | 0.80 µH | The nominal inductance value (R80). | | **Tolerance** | ±20% | Standard industry tolerance for power inductors (M). | | **Case Size** | 1090 (approx. 10x10x9mm) | Dimensions vary slightly by manufacturer but generally follow metric sizing. | | **Construction** | Metal Alloy / Molded | Uses a composite metal powder core for high saturation current. | | **Shielding** | Shielded | Magnetic shielding reduces Electromagnetic Interference (EMI). | --- ### 2. Core Features and Benefits Inductors like the TCDA1090-R80M are designed for high-efficiency environments: * **High Saturation Current ($I_{sat}$):** Due to the metal powder core, these inductors do not saturate "hard." Instead, they exhibit a soft roll-off, meaning they maintain performance even under temporary over-current conditions. * **Low DCR (DC Resistance):** The use of flat wire or high-purity copper reduces internal heat generation and improves overall power supply efficiency. * **Thermal Stability:** These parts are often rated for operation up to 125°C or 150°C, making them suitable for automotive or industrial applications. * **Compact Footprint:** The molded construction allows for a smaller physical size relative to the amount of current it can handle compared to traditional ferrite drum cores. --- ### 3. Common Applications The TCDA1090-R80M is primarily used in **DC-DC Converters** and **Voltage Regulator Modules (VRMs)**. 1. **Computing & Servers:** Used in the multi-phase power stages of CPUs and GPUs to provide stable, high-current power. 2. **Automotive Electronics:** Powering Infotainment systems, ADAS (Advanced Driver Assistance Systems), and LED lighting. 3. **Industrial Power Supplies:** Filtering high-frequency noise in switching power supplies. 4. **Telecommunications:** Used in base stations and networking hardware for distributed power architectures. --- ### 4. Circuit Diagram Representation In a schematic, this part acts as the energy storage element between the switching MOSFETs and the output capacitor. ```mermaid graph LR A[Switching Node] --- B[L: TCDA1090-R80M] B --- C[Vout / Output Cap] style B fill:#f9f,stroke:#333,stroke-width:2px ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current rating for the TCDA1090-R80M?
    • ⤷ How does a 'soft saturation' core differ from a traditional ferrite core in this inductor?
    • ⤷ What are the recommended soldering profiles for molded power inductors?