Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TCDA1312-R33M

  • AI
    The **TCDA1312-R33M** is a high-current, surface-mount (SMD) molded power inductor, typically utilized in DC-DC converter applications. It belongs to a category of "Metal Composite" inductors designed for stability and high efficiency in high-frequency power circuits. --- ### 1. Key Technical Specifications Below are the typical parameters for this specific part number: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.33 µH (Microhenries) | | **Tolerance** | ±20% (indicated by 'M') | | **Case Size** | 1312 (Approx. 13.5mm x 12.5mm) | | **DC Resistance (DCR)** | Extremely Low (typically < 1.0 mΩ) | | **Saturation Current (Isat)** | High (often > 50A depending on specific series) | | **Operating Temperature** | -40°C to +125°C (Standard) | --- ### 2. Composition and Design The "TCDA" series usually features a **Metal Alloy Powder** core. This construction provides several advantages over traditional ferrite cores: * **Soft Saturation:** Unlike ferrite inductors that drop inductance sharply when current limits are exceeded, these molded inductors have a gradual saturation curve. * **Magnetic Shielding:** The molded construction naturally shields the component, reducing Electromagnetic Interference (EMI) with surrounding components. * **Physical Durability:** The solid molded body is highly resistant to mechanical shock and vibration. --- ### 3. Part Number Breakdown The nomenclature can be interpreted as follows: 1. **TCDA:** Series code (Molded Power Inductor, often AEC-Q200 qualified for automotive use). 2. **1312:** Physical dimensions (roughly 13.5mm length x 12.6mm width). 3. **R33:** Inductance value ($R$ acts as a decimal point). $0.33$ µH. 4. **M:** Tolerance code ($M = \pm20\%$). --- ### 4. Common Applications Due to its low inductance and high current handling, it is primarily found in: * **Voltage Regulator Modules (VRMs):** Used in CPU and GPU power delivery. * **High-speed DC-DC Converters:** For telecommunications and industrial servers. * **Automotive Electronics:** Powering infotainment or ADAS systems (if AEC-Q200 rated).
    ✨ Follow-up Questions
    • ⤷ What are the specific saturation current limits for the TCDA1312-R33M?
    • ⤷ How does a metal composite inductor compare to a ferrite inductor in terms of EMI?
    • ⤷ What are the recommended soldering profiles for 1312 size SMD inductors?