Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TCFL1008CF-R22

  • AI
    The **TCFL1008CF-R22** is a surface-mount (SMD) wire-wound chip inductor. It is designed for high-frequency applications, typically found in telecommunications, RF modules, and consumer electronics. Below is the technical breakdown of its electronic components and characteristics. --- ### 1. Technical Specifications The part number follows a standard nomenclature for inductors. Here are the core electrical parameters: | Parameter | Value / Description | | :--- | :--- | | **Inductance** | 0.22 µH (R22) | | **Tolerance** | ±5% (standard for CF series) | | **Case Size** | 1008 (2.5mm x 2.0mm) | | **Material** | Ceramic Core | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Application** | High-Frequency / RF | --- ### 2. Physical Construction The "CF" series usually denotes a **Ceramic Core** construction. This is critical for its electronic performance: * **Ceramic Body:** Unlike ferrite cores, ceramic does not saturate. This allows the inductor to maintain a very stable inductance value across varying currents and high frequencies. * **Wire-Wound Design:** Fine copper wire is wound around the ceramic core. This provides a much higher **Q-factor (Quality Factor)** compared to multilayer chip inductors. * **Terminations:** The end caps are typically silver-palladium or gold-plated to ensure excellent solderability and conductivity. --- ### 3. Key Electronic Characteristics When using this part in a circuit, engineers focus on these three behaviors: #### A. High Q-Factor Due to the wire-wound ceramic structure, it has low energy loss. This makes it ideal for **LC resonant circuits** and filter networks where signal purity is essential. #### B. Self-Resonant Frequency (SRF) Because it is a 0.22 µH inductor in a small 1008 package, it has a high SRF. Above this frequency, the component will behave like a capacitor rather than an inductor due to parasitic capacitance between the windings. #### C. Current Handling (Irms/Isat) * **Irms:** The maximum DC current the part can handle before rising 15-40°C above ambient. * **DCR (DC Resistance):** Because it uses physical wire, the resistance is kept low, minimizing power dissipation. --- ### 4. Common Applications * **RF Matching:** Used in the matching networks of antennas for Wi-Fi or Bluetooth. * **Filters:** Used in Band-pass or Low-pass filters to block specific noise frequencies. * **Oscillators:** Providing stable inductance for frequency generation. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum rated current for the TCFL1008CF series?
    • ⤷ How does a ceramic core inductor differ from a ferrite core inductor in RF circuits?
    • ⤷ What are the specific soldering temperature profiles for 1008 size SMD inductors?