Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TCFL1008CF-R33

  • AI
    ## Electronic Analysis: TCFL1008CF-R33 The **TCFL1008CF-R33** is a high-frequency, surface-mount (SMD) wire-wound chip inductor. These components are primarily used in power management and RF circuits where high stability and low resistance are required. --- ### 1. Technical Specifications | Parameter | Value / Description | | :--- | :--- | | **Inductance** | 0.33 µH (330 nH) | | **Tolerance** | ±20% (Standard for this series) | | **Case Size (EIA)** | 1008 (Metric: 2520) | | **Dimensions** | 2.5 mm x 2.0 mm x 1.8 mm | | **Construction** | Wire-wound / Ferrite Core | | **Mounting Type** | Surface Mount Device (SMD/SMT) | --- ### 2. Key Characteristics * **High Current Capability:** Due to the wire-wound construction, this inductor can handle higher saturation currents compared to multilayer inductors of the same size. * **Low DCR (DC Resistance):** The use of copper wire winding ensures minimal power loss through heat, making it efficient for power supply lines. * **Ferrite Core:** The "CF" designation typically indicates a Ferrite Core, which provides high magnetic permeability, allowing for a higher inductance value in a smaller physical footprint. * **Frequency Performance:** Optimized for high-frequency applications, maintaining stable inductance across a broad spectrum. --- ### 3. Application Use Cases This component is commonly found in the following electronic circuits: 1. **DC-DC Converters:** Used as a storage element in buck or boost converters for smartphones and tablets. 2. **RF Filtering:** Utilized in wireless communication modules to filter out high-frequency noise. 3. **Power Line Decoupling:** Placed near IC power pins to prevent noise from entering the power rail. 4. **Signal Processing:** Used in audio and video equipment for impedance matching or signal filtering. --- ### 4. Part Number Breakdown (Typical) | Segment | Meaning | | :--- | :--- | | **TCFL** | Series Code (Thin-film/Wire-wound Low Profile) | | **1008** | Case Size (1.0 x 0.8 inches approx. in naming, 2.5 x 2.0mm actual) | | **CF** | Core Material (Ferrite) | | **R33** | Inductance Value (R denotes decimal: 0.33 µH) | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum rated current for the TCFL1008CF-R33?
    • ⤷ How does a ferrite core inductor differ from a ceramic core inductor in RF applications?
    • ⤷ Are there alternative components with a smaller footprint but similar 0.33 µH inductance?