Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TCFL1008CF-R47

  • AI
    The **TCFL1008CF-R47** is a surface-mount electronic component, specifically a **Fixed Inductor** (Choke). It is designed using thin-film technology to provide high precision and stability in high-frequency applications. --- ### 1. Technical Specifications The part number follows a standard nomenclature used by manufacturers (typically reflecting size, material, and value). Here are the key technical parameters: | Parameter | Value / Description | | :--- | :--- | | **Inductance** | 0.47 µH (denoted by "R47") | | **Case Size** | 1008 (Metric 2520) | | **Tolerance** | Usually ±10% or ±20% (Common for this series) | | **Technology** | Thin-Film / Ceramic Core | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ### 2. Breakdown of the Part Number Understanding the alphanumeric code helps identify the component's characteristics: * **TCFL**: Series prefix (Thin-film Chip Low-profile inductor). * **1008**: Physical dimensions (approx. 0.10 x 0.08 inches or 2.5 x 2.0 mm). * **CF**: Material/Designator (often refers to a specific core material or plating style). * **R47**: The inductance value. The "R" acts as a decimal point ($0.47$ microhenries). --- ### 3. Key Features and Usage This specific part is engineered for modern compact electronics where space and signal integrity are critical. #### Main Characteristics: * **High Q Factor:** Offers low energy loss at high frequencies. * **Low Profile:** The "CF" series is generally optimized for a height below 1.0mm, making it ideal for thin devices like smartphones. * **Precision:** Thin-film construction allows for tighter tolerances compared to standard wire-wound inductors. #### Typical Applications: 1. **Mobile Communications:** Smartphones, tablets, and wearable devices. 2. **RF Circuits:** Matching circuits and resonance filters. 3. **High-Speed Signal Lines:** Noise suppression in high-frequency data paths. 4. **WLAN/Bluetooth Modules:** Ensuring stable signal transmission. --- ### 4. Handling and Soldering As an SMT component, it is designed for automated pick-and-place machines and reflow soldering. * **Moisture Sensitivity:** Typically rated at MSL 1. * **Soldering:** Lead-free (RoHS compliant) reflow profiles are standard for this part.
    ✨ Follow-up Questions
    • ⤷What is the difference between thin-film and wire-wound inductors?
    • ⤷ Can I substitute a 0.47uH 0805 inductor for this 1008 part?
    • ⤷ What are the current rating (Idc) and DC resistance (DCR) for this specific model?