Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TCFL1008CF-R56

  • AI
    The **TCFL1008CF-R56** is a specific electronic component, typically categorized as a **Wire-wound Chip Inductor**. These components are essential in radio frequency (RF) and power management circuits for filtering and energy storage. --- ## 1. Technical Specifications The part number follows a standard naming convention for passive components. Based on the nomenclature, here are the primary specifications: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Component Type** | Wire-wound Inductor | High-frequency performance | | **Inductance** | **0.56 µH** | "R56" denotes the value (R = decimal) | | **Tolerance** | ±5% or ±10% | Common for the "C" or "F" designator | | **Case Size** | **1008** | Dimensions: 0.10 x 0.08 inches (2.5 x 2.0 mm) | | **Material** | Ceramic/Ferrite | "CF" usually indicates a Ceramic/Ferrite core | | **Mounting Type** | SMD/SMT | Surface Mount Technology | --- ## 2. Key Features * **High Q Factor:** Wire-wound construction provides a much higher Quality factor (Q) compared to multilayer inductors, making it efficient for RF applications. * **High Self-Resonant Frequency (SRF):** Due to the ceramic/ferrite core and precise winding, it can operate at very high frequencies without becoming capacitive. * **Low DC Resistance (DCR):** The use of thick copper wire minimizes power loss and heat generation. * **Compact Footprint:** The 1008 size is standard for high-density PCB layouts. --- ## 3. Common Applications This specific inductance value (0.56 µH) is frequently used in the following areas: 1. **RF Matching Circuits:** Tuning antennas in mobile phones, Wi-Fi modules, and Bluetooth devices. 2. **EMI Suppression:** Filtering high-frequency noise in signal lines. 3. **Power Supplies:** Used as a ripple filter in low-current DC-DC converters. 4. **Telecommunications:** Signal processing in base stations and networking hardware. --- ## 4. Part Number Breakdown The nomenclature for **TCFL1008CF-R56** can generally be decoded as follows: * **TCFL:** Manufacturer series (often associated with brands like Taiyo Yuden or Viking Tech). * **1008:** Physical size code. * **CF:** Core material or coating type. * **R56:** The nominal inductance value ($0.56$ microhenries).
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irms) for this specific inductor?
    • ⤷ How does a ceramic core differ from a ferrite core in 1008 inductors?
    • ⤷ What are the recommended soldering profiles for this SMD component?