Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TCFL1206CF-R43

  • AI
    The **TCFL1206CF-R43** is a specialized electronic component typically used in power management and sensing circuits. Below is a detailed breakdown of its specifications and characteristics. ### 1. Component Overview This part number refers to a **Thin Film Current Sensing Resistor**. These resistors are designed to measure current flow by monitoring the voltage drop across the element with high precision. --- ### 2. Technical Specifications | Feature | Description | | :--- | :--- | | **Series** | TCFL (Thin Film Low Resistance) | | **Package Size** | 1206 (3.2mm x 1.6mm) | | **Resistance Value** | 0.43 $\Omega$ (indicated by "R43") | | **Tolerance** | $\pm$ 1.0% (indicated by "F") | | **Technology** | Thin Film (Metal foil or deposition) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | --- ### 3. Key Electronic Characteristics #### A. Power Rating Standard 1206 current sense resistors usually range from **0.25W to 0.5W**, though high-power variants can reach 1W. This power rating determines the maximum current the resistor can handle before overheating: $$I = \sqrt{P / R}$$ #### B. Temperature Coefficient of Resistance (TCR) Thin film resistors like the TCFL series are chosen for their **Low TCR**. This means the resistance value stays stable even as the component heats up during operation, ensuring accurate current readings. #### C. Inductance Because these are used in high-frequency switching circuits (like DC-DC converters), they are designed with **Low Inductance** to prevent signal noise and voltage spikes. --- ### 4. Typical Applications * **Battery Management Systems (BMS):** Monitoring charging and discharging currents. * **DC-DC Converters:** Providing feedback for current-mode control loops. * **Overcurrent Protection:** Detecting fault conditions to trigger safety shut-offs. * **Motor Control:** Sensing phase current in small brushless motors. --- ### 5. Part Number Decoding The part number can be broken down as follows: * **TCFL:** Product Series (Thin Film Current Low Ohm). * **1206:** Physical dimensions (Inches). * **C:** Often denotes the Temperature Coefficient (e.g., 50ppm or 100ppm). * **F:** Tolerance code (F = $\pm$ 1%). * **R43:** Resistance value (R acts as a decimal point, 0.43 Ohms).
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for this 0.43 ohm resistor at 0.5W power?
    • ⤷ How does thin film technology compare to thick film for current sensing?
    • ⤷ Can this component be used in automotive-grade applications?