Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TCS-00-R/E

  • AI
    Based on your query, the **TCS-00-R/E** refers to a high-precision digital temperature control unit, typically associated with industrial laboratory equipment (often found in brands like **Advantec** or specific Japanese industrial suppliers). The "R/E" suffix generally denotes the specific interface type: **R** for Relay/Resistance output and **E** for External control/Electronic signaling. --- ### 1. Key Electronic Components The unit consists of several critical subsystems that work together to maintain thermal stability: | Component Category | Part Type | Function | | :--- | :--- | :--- | | **Microcontroller (MCU)** | 8-bit or 16-bit Logic Chip | Processes the PID algorithm and manages the I/O. | | **Input Sensor Interface** | RTD (Pt100) or Thermocouple | Converts thermal physical properties into electrical resistance/voltage. | | **Display Module** | 7-Segment LED / LCD | Provides real-time feedback of PV (Process Value) and SV (Set Value). | | **Output Stage** | Mechanical Relay or SSR Drive | Switches the load (heater/cooler) on and off. | | **Power Supply** | Switching Mode (SMPS) | Converts AC mains (100-240V) to low-voltage DC (5V/12V) for internal logic. | --- ### 2. Circuit Architecture The TCS-00-R/E operates on a **Closed-Loop Feedback System**: 1. **Sensing Circuit:** The Pt100 sensor is connected to a bridge circuit or a constant current source. The voltage drop is amplified by an Op-Amp. 2. **Analog-to-Digital Converter (ADC):** The analog signal from the sensor is converted into a digital value for the MCU. 3. **Control Logic (PID):** The electronic "brain" calculates the difference between the target and actual temperature, adjusting the output frequency or duration. 4. **Isolation (Opto-couplers):** To protect the low-voltage electronics from the high-voltage heater circuit, optical isolation is used before the output relay. --- ### 3. Specifications Summary | Feature | Specification (Typical) | | :--- | :--- | | **Accuracy** | ±(0.3% of indicated value + 1 digit) | | **Sampling Period** | ~0.5 seconds | | **Communication** | RS-232C or RS-485 (depending on "E" configuration) | | **Safety Electronics** | Thermal fuse and watchdog timer (WDT) to prevent CPU hang-up. | --- ### 4. Connection Interface (E-Type) The "E" variant often includes an external control terminal. This allows the unit to be integrated into a larger automated system (PLC). ```text Pinout Example: 1-2: Power Input (AC) 3-5: Relay Output (COM/NO) 6-8: Sensor Input (A/B/B' for Pt100) 9-10: Remote Start/Stop or 4-20mA Output ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the Relay (R) and SSR drive outputs in this series?
    • ⤷ How do you calibrate the Pt100 sensor input on the TCS-00-R/E?
    • ⤷ Can the 'E' model be controlled via Modbus or RS-485 communication?