Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TCS-05-R/CE

  • AI
    The **TCS-05-R/CE** is a specific electronic component within the **TCS (Terminal Connector System)** series, commonly manufactured by companies like **Takachiho Koheki** or used in specialized industrial sensor applications (often associated with temperature control or terminal connectivity). Below is a breakdown of its electronic characteristics and technical specifications. --- ### 1. General Specifications The "R/CE" suffix typically denotes specific compliance standards (CE marking) and physical orientation/configuration. | Feature | Description | | :--- | :--- | | **Part Number** | TCS-05-R/CE | | **Category** | Connector / Terminal System | | **Pin Count** | 5 Pins (indicated by the "05") | | **Termination Type** | Screw terminal or crimp (model dependent) | | **Compliance** | CE (Conformité Européenne) - Meets EU safety/health standards | | **Orientation** | Right-angle or Rear-mount (indicated by "R") | --- ### 2. Key Electronic Components & Materials The reliability of the TCS-05-R/CE relies on its internal construction: * **Contacts:** Usually made of **Phosphor Bronze** or **Copper Alloy** to ensure high conductivity and resistance to fatigue. * **Plating:** Often **Tin** or **Gold** plating to prevent oxidation and maintain low contact resistance over time. * **Housing:** High-grade **Thermoplastic (UL94V-0)**, which provides excellent electrical insulation and flame retardancy. * **Protection Circuitry:** Some "CE" versions include minor transient suppression or shielding to meet Electromagnetic Compatibility (EMC) requirements. --- ### 3. Electrical Ratings *While specific ratings can vary by the exact manufacturer datasheet, standard TCS-05 series ratings are generally:* | Parameter | Typical Value | | :--- | :--- | | **Rated Voltage** | 250V AC/DC | | **Rated Current** | 2A - 5A (depending on wire gauge) | | **Withstanding Voltage** | 1000V AC per minute | | **Insulation Resistance** | > 1000 MΩ | | **Operating Temp** | -25°C to +85°C | --- ### 4. Application Areas This part is commonly found in the following electronic systems: 1. **Industrial Automation:** Connecting PLC units to external sensors. 2. **HVAC Systems:** Used in temperature controller units (like the Delta or Shimaden series) for signal transmission. 3. **Power Supplies:** Serving as an interface for low-voltage control signals. 4. **Test Equipment:** Providing a modular connection for measurement probes. --- ### 5. Identification Code Breakdown `TCS` - **Series Name** (Terminal Connector System) `05` - **Number of Circuits** (5 positions) `R` - **Configuration** (Usually Right-angle or Reverse-type) `CE` - **Standard** (Certified for the European Economic Area)
    ✨ Follow-up Questions
    • ⤷ What is the exact pitch spacing between the pins for the TCS-05-R/CE?
    • ⤷ Does this model support DIN rail mounting?
    • ⤷ What are the recommended wire gauge sizes for this connector?