Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TCS-06-R

  • AI
    The **TCS-06-R** is a high-precision digital weighing scale motherboard/indicator system commonly used in commercial and industrial platform scales. It is designed to interface with a load cell to convert physical weight into a digital readout. --- ## 1. Core Electronic Components The system consists of several integrated circuits and discrete components that handle signal processing and power management. | Component | Function | | :--- | :--- | | **Main Microcontroller (MCU)** | The "brain" that processes the digital signal, handles calibration data, and controls the display. | | **A/D Converter (24-bit)** | Converts the tiny analog voltage from the load cell into a high-resolution digital signal. | | **Voltage Regulator** | Typically converts 6V or 12V DC input to a stable 5V or 3.3V for the ICs. | | **EEPROM Chip** | Stores calibration settings and zero-point data even when power is disconnected. | | **Display Driver** | Controls the 3-row LED or LCD screens (Weight, Unit Price, Total Price). | --- ## 2. Interface and Connectivity The TCS-06-R board features specific pins for external hardware interaction: ### A. Load Cell Interface (Analog Input) The board usually features a 4-pin or 5-pin connector labeled: * **E+ / E-**: Excitation voltage (Power to the load cell). * **S+ / S-**: Signal input (Millivolt signal from the load cell). ### B. Power Section * **AC Input**: Built-in transformer or external adapter port. * **Battery Lead**: Leads for a 4V or 6V Lead-Acid rechargeable battery. * **Charging Circuit**: Manages the trickle charge for the battery. ### C. User Interface * **Keypad Matrix**: Supports a 20-key or 24-key membrane keypad for price entry and functions (Tare, Zero, Save). * **Segment Displays**: Output pins for the three standard windows (Weight, Unit Price, Total Price). --- ## 3. Technical Specifications (General) While specific versions may vary, the TCS-06-R generally follows these electronic standards: | Feature | Specification | | :--- | :--- | | **Input Sensitivity** | 1.0uV/d to 3.0uV/d | | **Load Cell Excitation** | DC 5V, supports up to 4 x 350Ω load cells | | **A/D Resolution** | 1/30,000 internal resolution | | **Power Supply** | AC 110V/220V or DC 4V/6V Battery | | **Operating Temp** | -10°C to +40°C | --- ## 4. Common Troubleshooting (Electronic) If the board fails, the following electronic checks are recommended: 1. **Low Voltage:** Check if the regulator is outputting a steady 5V. Fluctuating voltage causes "ghost" weight readings. 2. **Signal Noise:** Ensure the S+/S- wires are shielded. Interference often comes from the AC transformer being too close to the signal traces. 3. **Zero Drift:** Often caused by a failing capacitor in the filter circuit near the A/D converter.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the TCS-06-R using the keypad codes?
    • ⤷ What is the wiring diagram for connecting a 4-wire load cell to this board?
    • ⤷ Which specific A/D converter IC is most commonly used in the TCS series?