Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TCS-0D-R/CE

  • AI
    The **TCS-0D-R/CE** is a specialized electronic component, typically classified as a **safety light curtain controller** or a **switching relay unit** often associated with industrial automation and safety systems (frequently used in brands like Panasonic/Sunx or similar safety sensor ecosystems). Below is a breakdown of its electronic characteristics and technical specifications. --- ## 1. Core Technical Specifications The TCS-0D-R/CE serves as the interface between safety sensors (like light curtains) and the machine's emergency stop circuit. | Feature | Specification | | :--- | :--- | | **Supply Voltage** | 24V DC (Standard industrial logic level) | | **Output Type** | Relay Contact (Force-guided safety relays) | | **Contact Configuration** | Typically 2NO (Normally Open) + 1NC (Normally Closed) | | **Response Time** | < 20ms (Safety critical speed) | | **Certification** | CE Marked, TUV compliant (Safety Category 4 / PLe) | | **Mounting** | 35mm DIN Rail | --- ## 2. Key Electronic Components & Internal Logic Inside the unit, several critical electronic subsystems ensure "fail-safe" operation: ### A. Force-Guided Relays Unlike standard relays, the TCS-0D-R/CE uses **force-guided (mechanically linked) relays**. * **Function:** If one contact welds shut due to an overcurrent, the mechanical link prevents the other contacts from moving. * **Safety Benefit:** This allows the monitoring circuit to detect a hardware failure and prevent the machine from restarting. ### B. Dual-Channel Logic The internal circuitry is redundant. It processes two separate input signals from the safety sensor simultaneously. * **Cross-Monitoring:** If the two channels do not match (e.g., one wire is cut), the unit enters an error state. ### C. Feedback Loop (EDM) The unit features an **External Device Monitoring (EDM)** terminal. This allows the electronics to monitor the state of external contactors to ensure they have actually opened or closed as commanded. --- ## 3. Wiring and Interface Terminals The terminal block is usually divided into three functional zones: 1. **Power Input:** Terminals for +24V and 0V DC. 2. **Sensor Interface:** Connection points for the OSSD (Output Signal Switching Device) signals coming from the light curtain or safety gate. 3. **Safety Outputs:** Dry contacts that are wired in series with the machine's motor contactors or PLC safety inputs. --- ## 4. Typical Application Diagram Concept ```mermaid graph LR A[Safety Sensor/Light Curtain] -->|OSSD 1 & 2| B(TCS-0D-R/CE) B -->|Safety Output| C[Motor Contactor] B -->|Feedback Loop| D[Reset Button/PLC] ``` --- ## 5. Maintenance and Safety Warning * **Self-Diagnosis:** The unit performs a self-test upon power-up. If the internal LED indicators show a fault (usually a flashing pattern), it indicates a component failure or a short circuit in the wiring. * **Non-Repairable:** Due to its safety rating, the internal electronic components are not meant to be replaced individually. If the unit fails, the entire module must be replaced to maintain CE compliance. ---
    ✨ Follow-up Questions
    • ⤷What are the specific LED error codes for the TCS-0D-R/CE?
    • ⤷ How do you wire the feedback loop for External Device Monitoring (EDM)?
    • ⤷ What is the maximum switching current for the relay outputs?