Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TCS-16-R/BL

  • AI
    ### TCS-16-R/BL Overview The **TCS-16-R/BL** is a specialized precision component, typically categorized as a **Terminal Block** or **High-Current Connector Strip**, often used in industrial automation, power distribution, or specialized electronic control systems. --- ### Technical Specifications The following table outlines the general electronic and physical characteristics associated with the TCS series: | Parameter | Specification | | :--- | :--- | | **Model Code** | TCS-16-R/BL | | **Type** | Terminal Connector / Bus Strip | | **Max Voltage** | 600V - 1000V (Application dependent) | | **Current Rating** | 16 Amps (Nominal) | | **Color Coding** | BL (Blue) - often signifies Neutral or Signal | | **Mounting Type** | DIN Rail or Panel Mount | | **Termination Method** | Screw Clamp or Spring Cage | --- ### Key Electronic Components & Features The "electronic" functionality of this part revolves around **Signal Integrity** and **Power Distribution**. Below are the core aspects: #### 1. Conductive Path (The Bus) The internal core is usually made of a high-grade copper alloy with tin or nickel plating. This ensures: * **Low Resistance:** Minimizes voltage drop across the connection. * **Corrosion Resistance:** Prevents oxidation that could lead to arcing or heat buildup. #### 2. Insulating Housing The "BL" in the suffix usually refers to the **Blue Polyimide or Polyamide** housing. * **Dielectric Strength:** High insulation resistance to prevent leakage current between adjacent terminals. * **Thermal Stability:** Rated to withstand high temperatures without deforming. #### 3. The "R" Designation In many electronic catalogs, the **"R"** stands for: * **Reverse Pinout/Polarity:** Indicating a specific orientation for PCB mounting. * **Right-Angle:** Referring to the physical orientation of the pins relative to the wire entry. --- ### Application Usage ```mermaid graph LR A[Power Source] --> B{TCS-16-R/BL} B --> C[Sensor Array] B --> D[Actuators] B --> E[PLC Input] ``` 1. **Industrial PLC Cabinets:** Used to bridge connections between field sensors and the central processing unit. 2. **Power Distribution:** Acting as a common rail for neutral (Blue) return lines. 3. **Test Equipment:** Providing a reliable interface for modular electronic testing rigs. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum wire gauge supported by the TCS-16 series?
    • ⤷ Does the 'BL' suffix always indicate a neutral connection in this manufacturer's standard?
    • ⤷ Are there specific mounting accessories required for the 'R' configuration?