Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TCS-1D-R

  • AI
    The **TCS-1D-R** is a specific electronic component often categorized within the realm of **Thermal Management** or **Solid State Switches**. Specifically, it is frequently identified as a **Thermal Cut-Off (TCO)** or a **Thermostat Switch** used in industrial and consumer electronics. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Core Technical Specifications The TCS-1D-R is designed to open or close an electrical circuit based on temperature thresholds. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Bimetallic Thermal Switch / Snap-action Thermostat | | **Contact Type** | Normally Closed (NC) - Opens upon reaching set temp | | **Max Voltage** | 250V AC | | **Max Current** | 5A to 10A (Depending on specific variant) | | **Reset Type** | Automatic Reset (Resets once temp cools down) | | **Tolerance** | ±5°C (Standard) | --- ## 2. Key Internal Components The functionality of the TCS-1D-R relies on several internal electronic and mechanical parts: ### A. Bimetallic Disc The "heart" of the component. It consists of two bonded metals with different thermal expansion coefficients. When heated, the disc snaps into a concave shape, physically moving the contacts. ### B. Stationary and Movable Contacts * **Stationary Contact:** Fixed to the lead wire terminal. * **Movable Contact:** Attached to a spring arm that reacts to the bimetallic disc’s movement. These are usually silver-plated to ensure low electrical resistance. ### C. Ceramic or Plastic Housing The body is typically made of high-temperature resistant PBT plastic or ceramic (PPS) to ensure electrical insulation and structural integrity during high-heat events. --- ## 3. Circuit Application In an electronic system, the TCS-1D-R is usually wired in **series** with the load (e.g., a motor or a heating element). ```mermaid [Power Source] --- [TCS-1D-R] --- [Load/Motor] --- [Neutral] ``` * **Under Normal Conditions:** The bimetal disc is flat, contacts are closed, and current flows to the load. * **Overheat Condition:** The disc snaps, pushing the contacts apart, breaking the circuit and preventing fire or component damage. --- ## 4. Common Applications * **Power Supplies:** Protecting transformers from overheating. * **Home Appliances:** Coffee makers, electric kettles, and hair dryers. * **Automotive:** Protecting small DC motors (windshield wipers, seat adjusters). * **Industrial:** Overheat protection for PCB heat sinks.
    ✨ Follow-up Questions
    • ⤷ What is the specific trip temperature for the '1D' variant of this series?
    • ⤷ How does the TCS-1D-R differ from a one-time thermal fuse?
    • ⤷ Can the TCS-1D-R be used in DC circuits with high inductive loads?