Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TCS-1E-R

  • AI
    The **TCS-1E-R** is a specific electronic component typically identified as a **Temperature Control Switch** or a thermal protection device, often used in consumer electronics, industrial machinery, and automotive applications. Below is a detailed breakdown of its electronic characteristics and functional parameters. --- ### 1. Key Technical Specifications While specific manufacturers (like Uchihashi or others) may have slight variations, the "TCS" series generally follows these standard electronic parameters: | Feature | Description | | :--- | :--- | | **Component Type** | Thermal Cutoff (TCO) / Thermal Fuse | | **Current Rating** | Typically 1A to 2A (depending on circuit voltage) | | **Voltage Rating** | Usually rated for 250V AC or 50V DC | | **Operating Temperature** | Defined by the specific "E" suffix (often range from 70°C to 150°C) | | **Material** | Ceramic or Resin body with alloy-based thermal pellet | | **Termination Style** | Radial (R) leads (leads exiting from one side) | --- ### 2. Physical Design (Radial Type) The **"R"** in the part number signifies a **Radial** configuration. In electronics, this refers to the physical orientation of the leads (the metal wires). * **Radial Leads:** Both wires exit the body of the component from the same end. This is ideal for vertical mounting on a Printed Circuit Board (PCB) to save horizontal space. * **Body Construction:** The internal "active" element is encased in a thermoset resin or ceramic case to protect it from environmental humidity and oxidation. --- ### 3. Electronic Functional Mechanism The TCS-1E-R functions as a **non-resettable safety device**. Here is how it operates electronically: 1. **Normal State:** The internal thermal element is solid, maintaining a closed circuit and allowing electricity to flow through the device. 2. **Overheat Event:** When the ambient temperature reaches the specific "Functioning Temperature" (Tf), the internal alloy melts. 3. **Circuit Interruption:** A mechanical spring or surface tension pulls the melted alloy apart, creating a permanent physical gap in the circuit. 4. **Protection:** The flow of current stops instantly, preventing fire or further damage to the device. --- ### 4. Common Applications Due to its small footprint and radial design, the TCS-1E-R is frequently found in: * **Power Adapters:** Protecting against internal transformer overheating. * **Battery Packs:** Preventing thermal runaway during charging. * **Small Motors:** Found in household fans or kitchen appliances. * **LED Drivers:** Protecting the sensitive circuitry from heat-induced failure. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a resettable PTC and a thermal fuse like the TCS-1E-R?
    • ⤷ How do I determine the specific trip temperature for the 'E' variant?
    • ⤷ What are the soldering precautions for radial thermal switches?