Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TCS-1F-R/Q

  • AI
    The **TCS-1F-R/Q** is a specific series of miniature, high-frequency signal relays, typically manufactured by companies like **Goodsky** or other specialized relay producers. These components are designed for precision switching in telecommunications and signal processing. ### 1. Technical Specifications Overview The "R/Q" suffix usually denotes specific coil sensitivity or sealing types (e.g., wash-tight or flux-proof). | Feature | Typical Specification | | :--- | :--- | | **Contact Form** | 1 Form C (SPDT) | | **Contact Material** | Gold-overlay Silver Alloy | | **Max Switching Voltage** | 125VAC / 60VDC | | **Max Switching Current** | 1A to 2A | | **Coil Voltage Options** | 3V, 5V, 9V, 12V, 24V DC | | **Power Consumption** | ~150mW to 200mW (Sensitive Type) | | **Package Style** | DIP (Dual In-line Package) | --- ### 2. Key Electronic Components & Construction #### A. The Magnetic Circuit (Coil) The "heart" of the TCS-1F is the electromagnetic coil. * **Sensitivity:** The "Q" version often refers to a **high-sensitivity** coil, requiring less current to actuate compared to standard relays. * **DC Operation:** It operates strictly on Direct Current. #### B. Contact System * **Bifurcated Contacts:** These relays often use crossbar or bifurcated contacts to ensure high reliability when switching very low-level signals (dry circuits). * **Gold Plating:** The contacts are flashed with gold to prevent oxidation, which is critical for maintaining low contact resistance over time. #### C. Housing and Insulation * **Sealing:** The "R" or "Q" variants are usually **wash-tight**, meaning the plastic casing is epoxy-sealed. This allows the PCB to be cleaned with solvents after soldering without damaging the internal mechanics. --- ### 3. Pinout Configuration (Standard 6-Pin DIP) While you should always consult the specific datasheet for your brand, the standard layout for this footprint is: 1. **Pins 1 & 6:** Coil Terminals. 2. **Pin 2:** Normally Closed (NC). 3. **Pin 3:** Common (COM). 4. **Pin 4:** Normally Open (NO). --- ### 4. Common Applications * **Telecommunications:** Switching telephone lines or modem signals. * **Security Systems:** Triggering alarms or sensors. * **Test Equipment:** Routing signals in automated test environments. * **Consumer Electronics:** Power management in small battery-operated devices.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'R' and 'Q' suffixes regarding power consumption?
    • ⤷ Can the TCS-1F-R/Q be used to switch AC mains power?
    • ⤷ What are the recommended flyback diode specs for this relay coil?