Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TCS-2E-R/BL

  • AI
    The **TCS-2E-R/BL** is an electronic component primarily classified as a **Touch Sensor Module** (often associated with lighting control or appliance interfaces). Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Component Overview The TCS-2E-R/BL is a capacitive or resistive touch-sensitive switch module. The suffix "BL" typically denotes **Backlight** functionality (usually Blue), and "R" often signifies a **Relay** output or specific **Remote** triggering capability. ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Voltage** | Typically 12V - 24V DC (Model specific) | | **Output Type** | Relay Contact or Logic Level (NPN/PNP) | | **Backlight Color** | Blue (BL) | | **Operating Principle** | Capacitive Touch Sensing | | **Mounting Style** | Panel Mount / Surface Mount | | **Switching Current** | Max 2A - 5A (varies by sub-manufacturer) | --- ## 2. Key Electronic Parts & Functionality The module consists of several integrated stages that allow it to function as a human-machine interface (HMI). ### A. Sensing Electrode (Touch Pad) * **Material:** Usually a PCB copper trace or a conductive ITO (Indium Tin Oxide) layer. * **Function:** Detects the change in capacitance when a human finger nears the surface. ### B. Controller IC (The "Brain") * **Type:** Dedicated Touch Sensor Controller (e.g., TTP223 or similar proprietary IC). * **Function:** Filters noise, handles debouncing (preventing multiple triggers from one touch), and manages the sensitivity threshold. ### C. Output Driver * **Relay/Transistor:** If it is the "R" variant, it contains a small electromagnetic relay or a Power MOSFET. * **Function:** Acts as the physical switch that opens or closes the external circuit (e.g., turning on a lamp or motor). ### D. Backlight LED Array * **Components:** Surface Mount LEDs (Blue) and current-limiting resistors. * **Function:** Provides visual feedback to the user. It can be programmed to stay on constantly or toggle brightness upon activation. --- ## 3. Wiring Diagram Concept While specific pinouts can vary, the standard electronic interface for these modules follows this logic: ```markdown Pin 1: VCC (+) --> Power Supply (12-24V) Pin 2: GND (-) --> Common Ground Pin 3: OUT --> Signal Output to Load/Controller Pin 4: LED CTRL --> (Optional) Backlight control wire ``` --- ## 4. Common Applications * **Smart Home:** Mirror touch switches, hidden furniture lighting. * **Industrial:** Sealed control panels where physical buttons would fail due to moisture. * **Elevators:** Backlit call buttons.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current load for the relay in the TCS-2E-R/BL?
    • ⤷ How do you adjust the touch sensitivity of this module?
    • ⤷ Can this module operate on AC voltage directly?