Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TCS-2G-R/CE

  • AI
    The **TCS-2G-R/CE** is a specialized electronic component commonly used in weighing systems, specifically as a **Load Cell** or a specialized high-precision weight sensor assembly. Below is an explanation of its electronic composition and technical characteristics. --- ### 1. Core Electronic Components The device operates on the principle of strain gauge technology. Its internal architecture consists of the following key electronic elements: | Component | Function | | :--- | :--- | | **Strain Gauges** | High-precision resistors that change resistance when mechanically deformed. | | **Wheatstone Bridge** | A circuit configuration (4 resistors) used to measure the small changes in resistance from the strain gauges. | | **Compensation Resistors** | Used to minimize errors caused by temperature fluctuations (Thermal Drift). | | **Shielding/Cable** | Multicore wiring (usually 4-wire or 6-wire) protected by electromagnetic interference (EMI) shielding. | --- ### 2. Technical Specifications The "2G" often refers to the specific generation or sensitivity class, while "R/CE" denotes specific regulatory compliances and design features. * **Excitation Voltage:** Typically requires 5V to 12V DC to power the internal bridge circuit. * **Signal Output:** Measured in millivolts per volt (mV/V). This is an analog signal that requires an **ADC (Analog-to-Digital Converter)** to be read by a microprocessor. * **Ingress Protection:** Usually rated **IP65 or IP67**, meaning the electronic internals are protected against dust and moisture. --- ### 3. Connection Pinout (General Standard) Most TCS-series sensors utilize a color-coded 4-wire system: 1. **Red (Exc+):** Positive Input Power 2. **Black (Exc-):** Negative Input Power (GND) 3. **Green (Sig+):** Positive Signal Output 4. **White (Sig-):** Negative Signal Output --- ### 4. Regulatory Designators The suffix in the model name indicates the electronic standards it meets: * **CE:** Indicates the part complies with European Economic Area (EEA) health, safety, and environmental protection standards. * **R:** Often signifies "Ruggedized" or a specific "Resistance" tolerance rating for industrial environments. --- ### Summary Table: Application Use-Cases | Feature | Benefit | | :--- | :--- | | **High Linearity** | Ensures weight readings are consistent across the full scale. | | **Low Creep** | Prevents the reading from "drifting" when a load is left on the sensor. | | **EMI Filtering** | Reduces noise from nearby electrical machinery. |
    ✨ Follow-up Questions
    • ⤷ What is the maximum weight capacity for the TCS-2G-R/CE model?
    • ⤷ Which analog-to-digital converter (ADC) is recommended for interfacing this sensor with a microcontroller?
    • ⤷ How do I calibrate the TCS-2G-R/CE using a load cell amplifier?