Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TCS-3A-R

  • AI
    The **TCS-3A-R** is an electronic component primarily classified as a **Current Transformer (CT)**, specifically designed for use in Ground Fault Relay systems or Earth Leakage Circuit Breakers (ELCB). It acts as a sensor to detect zero-phase current, which indicates a leakage in the electrical system. --- ### 1. Technical Specifications The TCS-3A-R is built to monitor current imbalances in AC power lines. Below are the typical technical characteristics: | Parameter | Specification | | :--- | :--- | | **Type** | Zero-phase Current Transformer (ZCT) | | **Hole Diameter** | Approx. 30mm (standard for this series) | | **Rated Voltage** | 600V AC | | **Detection Sensitivity** | Typically used with 30mA - 500mA relays | | **Ratio** | 1000:1 (Common for this series) | | **Mounting** | Panel or DIN Rail mount options | --- ### 2. Core Electronic Components The device is relatively simple in its physical construction but relies on high-precision physics: * **Toroidal Core:** Made of high-permeability magnetic material (usually nanocrystalline or silicon steel) that concentrates the magnetic field generated by the primary wires. * **Secondary Winding:** Fine copper wire wrapped around the core. This winding converts the magnetic flux into a proportional low-level current signal. * **Encapsulation:** The internal parts are usually potted in epoxy resin to provide insulation and protection against moisture and vibration. * **Terminals:** Screw-type or plug-in terminals for connecting the output signal to a monitoring relay. --- ### 3. Functional Operation The TCS-3A-R operates based on **Kirchhoff’s Current Law**: 1. **Balanced State:** In a normal circuit, the vector sum of all currents (Live and Neutral) passing through the center hole is zero. No magnetic flux is generated in the core. 2. **Leakage State:** If electricity leaks to the ground, the sum of the currents is no longer zero. The "leftover" current creates a magnetic field. 3. **Signal Output:** The secondary winding picks up this field and induces a small current, which is sent to an external **Earth Leakage Relay**. --- ### 4. Application Wiring To use the TCS-3A-R correctly, all current-carrying conductors (excluding the ground wire) must pass through the center of the transformer. ```text [ Power Source ] --------( L1 )-----\ --------( L2 )----- [ TCS-3A-R ] -----> [ Load ] --------( N )-----/ | | (Signal Out) v [ Protection Relay ] ``` ---
    ✨ Follow-up Questions
    • ⤷ How do I test if the TCS-3A-R is functioning correctly?
    • ⤷ What is the maximum wire gauge that can fit through a 30mm TCS-3A-R?
    • ⤷ Can this sensor be used for DC leakage detection?