Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TCS-3D-R/E

  • AI
    The **TCS-3D-R/E** is a specific model within the series of high-precision electronic scale components, typically associated with industrial weighing platforms or digital crane scales. These devices integrate sensor technology with digital processing units to provide accurate weight measurements. --- ### 1. Key Electronic Component Breakdown The electronics of the TCS-3D-R/E can be categorized into four primary modules: | Component Module | Description | Function | | :--- | :--- | :--- | | **Load Cell (Sensor)** | High-precision strain gauge bridge. | Converts physical pressure/tension into a low-voltage analog signal (mV). | | **A/D Converter** | High-resolution Analog-to-Digital IC. | Converts the weak analog signals from the load cell into digital data. | | **Microcontroller (MCU)** | Central processing unit (8-bit or 32-bit). | Processes algorithms for taring, zeroing, and unit conversion (kg/lb). | | **Display Module** | LED or LCD with backlight. | Provides the visual interface for the user to read measurements. | --- ### 2. Technical Specifications (Electronic) The "R/E" suffix usually denotes specific electronic features, such as **Remote control (R)** and **Enhanced/Electronic (E)** display capabilities. * **Excitation Voltage:** Typically 5V DC supplied to the load cell. * **Power Supply:** Often dual-powered via a 6V Lead-Acid rechargeable battery and a DC Power Adapter (9V/12V). * **Signal Input Range:** 0mV to 15mV. * **Internal Resolution:** Usually up to 1/300,000 for high precision. * **Communication Interface:** Many models feature an **RS-232** port for connecting to PCs or thermal printers. --- ### 3. Circuit Protection Features To ensure durability in industrial environments, the TCS-3D-R/E electronics include: 1. **Overload Protection:** A mechanical and electronic stop to prevent damage to the load cell if the weight exceeds the rated capacity (e.g., 300kg). 2. **Low Battery Indicator:** A circuit that monitors battery voltage and triggers a "Lo" warning on the display. 3. **EMI/RFI Shielding:** The internal PCB is often shielded to prevent interference from mobile phones or industrial machinery. --- ### 4. Basic Wiring Diagram Logic ```mermaid graph LR A[Load Cell] -->|Analog mV| B[A/D Converter] B -->|Digital Signal| C[MCU / Processor] D[Power Supply/Battery] --> C C --> E[LED/LCD Display] C --> F[RS-232/Printer Port] ``` ---
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the TCS-3D-R/E electronic scale?
    • ⤷ What are the common error codes for this specific model?
    • ⤷ Can the RS-232 port be used to log data directly into Excel?