Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TCS-3Z-R

  • AI
    The **TCS-3Z-R** is a specialized temperature control sensor/switch commonly used in industrial and automotive heating systems. It belongs to a category of **thermal switches** or **thermostatic controls** designed for high reliability in harsh environments. --- ### ## 1. Technical Specifications The following table outlines the typical electrical and mechanical parameters for the TCS-3Z-R series: | Parameter | Specification | | :--- | :--- | | **Contact Type** | SPST (Single Pole Single Throw) | | **Circuit State** | Normally Open (NO) or Normally Closed (NC) | | **Rated Voltage** | 12V DC / 24V DC (Standard) | | **Current Rating** | Up to 10A - 15A (Load dependent) | | **Switching Temperature** | Factory preset (ranges vary by specific model suffix) | | **Material** | Brass or Stainless Steel housing | | **Mounting Thread** | M10, M14, or 1/8" NPT (Typical) | --- ### ## 2. Core Electronic Components The device operates on a **Bimetallic Disc** mechanism. Here is the breakdown of the internal electronic functionality: 1. **Bimetallic Element:** Two bonded metals with different thermal expansion coefficients. When the threshold temperature is reached, the disc snaps into a concave or convex shape. 2. **Contact Points:** Silver or copper-alloy contacts that physically open or close the electrical path. 3. **Insulator:** High-grade ceramic or thermoset plastic to prevent short circuits between the casing and the electrical terminals. 4. **Terminals (R-Type):** The "R" in the part number often signifies a specific terminal orientation or a **Resistive** internal component for signal smoothing. --- ### ## 3. Common Applications * **Engine Coolant Monitoring:** Triggers cooling fans or dashboard warning lights. * **Industrial Boilers:** Prevents overheating by cutting power to heating elements. * **HVAC Systems:** Used as a safety cutout in air handling units. * **Hydraulic Systems:** Monitors oil temperature to prevent viscosity breakdown. --- ### ## 4. Wiring Diagram Concept Below is a simplified representation of how the TCS-3Z-R is integrated into a DC circuit: ```mermaid graph LR A[Power Source +] --> B[Fuse] B --> C{TCS-3Z-R Switch} C --> D[Load: Fan/Relay] D --> E[Ground/Negative] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact preset temperature for the R-suffix variant?
    • ⤷ How do I test a TCS-3Z-R using a digital multimeter?
    • ⤷ Can this sensor be used in AC high-voltage applications?