Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TCS-41-R/CE

  • AI
    Based on the technical specifications for the **TCS-41-R/CE**, this device is a high-performance **rotary cam switch** (commonly used as a tension controller or position limit switch) often manufactured by companies like **TCS (Taiwan Control System)**. Below is a breakdown of its electronic and electromechanical components. --- ## 1. Core Technical Specifications The "R" typically signifies a specific mounting or reset configuration, and "CE" indicates compliance with European safety standards. | Feature | Specification Details | | :--- | :--- | | **Contact Type** | Micro-switches (SPDT) | | **Max. Voltage** | 250V AC | | **Current Rating** | 10A to 15A (Load dependent) | | **Insulation Resistance** | 100MΩ min. (at 500V DC) | | **Dielectric Strength** | 1500V AC, 50/60Hz for 1 minute | | **Mechanical Life** | Over 1,000,000 cycles | --- ## 2. Key Electronic & Mechanical Parts ### A. Internal Micro-switches The heart of the TCS-41-R/CE is a set of high-precision micro-switches. * **Function:** These act as the electronic interface that opens or closes a circuit based on the physical position of the cams. * **Contact Material:** Usually Silver Alloy to prevent oxidation and handle higher switching currents. ### B. Adjustable Cams * **Material:** Hardened plastic or nylon for low friction. * **Adjustment Mechanism:** Each switch is triggered by an independent cam. These cams can be adjusted (typically via a screw or gear system) to set the exact "on/off" angle of the rotation. ### C. The Shaft and Bearings * **Shaft:** Stainless steel to resist corrosion. * **Rotation:** The shaft connects to the machinery (like a motor or a roller). As it spins, the cams rotate with it to trigger the electronics. ### D. Housing and Protection * **Enclosure:** Die-cast aluminum or heavy-duty plastic. * **Sealing:** Often rated IP65, protecting the internal electronic contacts from dust and moisture. --- ## 3. Circuit Application (Typical) The TCS-41-R/CE is generally wired in a **Control Circuit** rather than a Power Circuit. ```mermaid graph LR A[Power Supply] --> B[TCS-41-R/CE Switch] B --> C[Relay / Contactor Coil] C --> D[Motor / Industrial Load] ``` 1. **Terminal 1 (Common):** The input voltage. 2. **Terminal 2 (Normally Open):** Connects when the cam hits the trigger point. 3. **Terminal 3 (Normally Closed):** Disconnects when the cam hits the trigger point. --- ## 4. Maintenance Electronic Checks * **Contact Pitting:** Over time, the internal micro-switch contacts may pit due to arcing. * **Continuity Testing:** Use a multimeter to ensure the resistance across closed contacts is near 0Ω. * **Spring Fatigue:** Ensure the mechanical return of the switch is crisp; a "mushy" feeling indicates the internal leaf spring is failing. ---
    ✨ Follow-up Questions
    • ⤷How do I adjust the switching angle on the TCS-41-R/CE?
    • ⤷ What is the difference between the R and CE suffixes in this model?
    • ⤷ Can this switch be used for DC voltage applications?