Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TCS-4F-R

  • AI
    The **TCS-4F-R** is a specific model of a **Tactile Push Button Switch** commonly used in consumer electronics, automotive controls, and industrial interfaces. It belongs to a family of micro-switches designed for Surface Mount Technology (SMT). --- ## 1. Technical Specifications The following table highlights the typical electrical and mechanical characteristics of the TCS-4F-R series: | Feature | Specification | | :--- | :--- | | **Switch Type** | Tactile (Momentary) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Contact Form** | SPST-NO (Single Pole Single Throw, Normally Open) | | **Operating Force** | Typically 160gf to 250gf (grams-force) | | **Voltage Rating** | 12V DC | | **Current Rating** | 50mA | | **Contact Resistance** | ≤ 100mΩ | | **Insulation Resistance** | ≥ 100MΩ | | **Mechanical Life** | 100,000 to 500,000 cycles | --- ## 2. Key Components & Materials The "TCS-4F-R" is comprised of several precision-engineered parts that ensure tactile feedback and electrical continuity: ### A. The Actuator (Stem) * **Material:** Usually high-temperature thermoplastic (e.g., LCP or Nylon). * **Function:** The part the user presses. Its height determines the profile of the switch. ### B. The Contact Dome * **Material:** Stainless steel or phosphor bronze (often silver-plated). * **Function:** The "heart" of the switch. It provides the "click" sound and tactile snap. When pressed, it collapses to complete the circuit between the terminals. ### C. The Base (Housing) * **Material:** Heat-resistant plastic. * **Function:** Houses the internal contacts and provides the structural frame for SMT soldering. ### D. Terminals (Leads) * **Plating:** Silver or Gold plating over brass/copper alloy. * **Function:** Conducts electricity from the PCB to the internal dome contact. --- ## 3. Naming Convention Breakdown While naming varies slightly by manufacturer (such as Mitsumi or Alpine clones), the code usually breaks down as follows: 1. **TCS:** Product series (Tactile Compact Switch). 2. **4:** Refers to the physical dimensions (often 4.5mm or 4.0mm footprint). 3. **F:** Indicates the height or a specific actuator style (Flat/Flush). 4. **R:** Tape and Reel packaging (standard for automated SMT assembly). --- ## 4. Typical Application Circuit The switch is usually used as a digital input for microcontrollers (like Arduino or ESP32) using a pull-up resistor. ```cpp // Typical Arduino usage for a TCS-4F-R switch const int buttonPin = 2; // Pin connected to switch void setup() { pinMode(buttonPin, INPUT_PULLUP); // Internal pull-up resistor } void loop() { int buttonState = digitalRead(buttonPin); if (buttonState == LOW) { // Switch is pressed } } ```
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions of the TCS-4F-R footprint?
    • ⤷ Does the TCS-4F-R come in different operating force options?
    • ⤷ How do I troubleshoot a TCS-4F-R switch that is failing to register clicks?