Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TCS-4Z-R

  • AI
    The **TCS-4Z-R** is an electronic component primarily classified as a **Passive Infrared (PIR) Sensor Module** or a specific **Current Transformer** depending on the specific manufacturer (most commonly associated with lighting control or leakage current detection systems). Below is a technical breakdown of its electronic characteristics and components. --- ### 1. Technical Specifications The "R" suffix typically denotes a "Relay" output or "Reduced" form factor. Here are the common electronic parameters: | Parameter | Typical Value | | :--- | :--- | | **Operating Voltage** | 12V - 24V DC / AC | | **Output Type** | Relay Contact (Dry Contact) | | **Detection Type** | Infrared (Thermal) or Magnetic Induction | | **Mounting** | PCB or Ceiling Mount | | **Response Time** | < 1.0 Seconds | --- ### 2. Internal Electronic Parts The module consists of several key electronic stages to process signals: #### A. Sensing Element * **PIR Element:** Usually a dual-element pyroelectric sensor that detects changes in infrared radiation. * **Optical Lens:** A Fresnel lens (plastic cover) that focuses infrared energy onto the sensor. #### B. Processing Circuitry * **Operational Amplifiers (Op-Amps):** Used to amplify the tiny micro-volt signals from the sensor to a level that can be processed. * **Comparator:** Compares the amplified signal against a reference threshold to determine if "motion" or "current" has been detected. #### C. Control & Output * **Electromagnetic Relay:** The "R" in the part number often indicates the inclusion of a relay. This allows the low-power sensor to switch high-power loads (like lights or alarms). * **Timing Circuit:** Uses resistors and capacitors (RC circuit) or a small microcontroller to define how long the relay stays closed after a trigger. --- ### 3. Connection Pinout Commonly, the TCS-4Z-R features a 4-pin or terminal block connection: 1. **V+ (Power):** Positive supply input. 2. **V- (GND):** Common ground. 3. **COM (Common):** The common terminal of the internal relay. 4. **N.O. (Normally Open):** The contact that closes when the sensor is triggered. --- ### 4. Typical Applications * **Energy Management:** Turning off lights in unoccupied rooms. * **Security Systems:** Triggering silent alarms or CCTV recording. * **Industrial Safety:** Detecting leakage current in 4-zone (4Z) monitoring systems.
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching capacity of the internal relay?
    • ⤷ How do you adjust the sensitivity or delay time on this module?
    • ⤷ Is the TCS-4Z-R compatible with 220V AC mains directly?