Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TCS-50-R

  • AI
    The **TCS-50-R** typically refers to a high-precision digital electronic weighing scale (often a platform or bench scale) with a 50kg capacity. Below is a breakdown of its primary electronic components and their functions. --- ### Core Electronic Components | Component | Description | Function | | :--- | :--- | :--- | | **Load Cell** | High-precision strain gauge sensor | Converts physical weight/pressure into an analog electrical signal. | | **A/D Converter** | Analog-to-Digital Integrated Circuit | Translates the small voltage changes from the load cell into digital data. | | **Microcontroller (MCU)** | The "Brain" of the scale | Processes digital data, handles tare calculations, and controls the display. | | **Main PCB** | Printed Circuit Board | Houses the MCU, capacitors, resistors, and power regulation circuits. | | **Display Module** | LED or LCD Screen | Shows weight, unit price, and total price to the user. | | **Keypad** | Matrix membrane or plastic buttons | Allows for input (Tare, Zero, Unit switching, Calibration). | --- ### Technical Specifications (Electronic) * **Excitation Voltage:** Usually 5V DC supplied to the load cell. * **Power Source:** Dual power mode (AC 110/220V and a built-in 4V or 6V Lead-Acid rechargeable battery). * **Signal Processing:** Uses high-resolution Delta-Sigma ($\Delta\Sigma$) modulation. * **Memory:** EEPROM chip used to store calibration data and unit settings even when powered off. ### Connection Logic The electronic flow follows this simplified logic: 1. **Pressure** applied $\rightarrow$ **Load Cell** (Resistance change). 2. **Wheatstone Bridge** outputs small **mV signal**. 3. **A/D Converter** amplifies and digitizes the signal. 4. **Microcontroller** applies calibration factors and filters noise. 5. **Display** renders the final numeric value. --- ### Maintenance & Troubleshooting Tips | Issue | Potential Electronic Cause | | :--- | :--- | | **Erratic Readings** | Loose soldering on the Load Cell wires or moisture on the PCB. | | **Scale won't turn on** | Blown fuse, dead battery, or faulty voltage regulator. | | **"OL" Error** | Load cell is physically damaged or signal is out of the A/D converter range. | ---
    ✨ Follow-up Questions
    • ⤷How do I calibrate a TCS-50 series scale?
    • ⤷ What is the wiring color code for the load cell?
    • ⤷ How can I replace the rechargeable battery in this unit?