Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TCS-53-R

  • AI
    The **TCS-53-R** is an electronic component primarily classified as a **Bimetallic Thermal Control Switch** or Thermostat. It is designed to act as a safety cut-off or temperature regulation device in appliances and industrial equipment. --- ### 1. General Specifications Below are the typical electronic and mechanical characteristics of the TCS-53-R: | Feature | Specification | | :--- | :--- | | **Component Type** | Bimetallic Thermal Switch | | **Contact Type** | Usually Normally Closed (NC) or Normally Open (NO) | | **Reset Type** | Automatic (Standard) | | **Voltage Rating** | 125V AC / 250V AC | | **Current Rating** | Typically 5A to 10A (Model dependent) | | **Housing Material** | Ceramic or Heat-resistant Plastic | | **Mounting** | Surface mount / Flange mount | --- ### 2. Core Electronic Operation The TCS-53-R operates based on the principle of **differential thermal expansion**. * **The Bimetallic Disc:** Inside the component is a disc made of two different metals bonded together. These metals expand at different rates when heated. * **The "Snap" Action:** Once a specific temperature threshold is reached, the internal stress causes the disc to "snap" into a different shape. * **Circuit Interruption:** This mechanical movement physically pushes an actuator that opens (or closes) the electrical contacts. * **Resetting:** As the temperature drops back below the "Differential" range, the disc snaps back to its original position, restoring the electrical circuit. --- ### 3. Key Electronic Components Though it is a mechanical-electronic hybrid, the internal assembly consists of: 1. **Stationary Contact:** Fixed to the terminal pin. 2. **Movable Contact:** Attached to a spring arm that reacts to the bimetallic disc. 3. **Terminal Pins:** Silver-plated or brass pins for soldering or quick-connect wiring. 4. **Insulator Base:** Usually made of PPS or ceramic to prevent electrical arcing and withstand high heat. --- ### 4. Applications The TCS-53-R is commonly found in the following electronic systems: * **Power Supplies:** To prevent overheating of transformers. * **Home Appliances:** Coffee makers, water heaters, and space heaters. * **HVAC Systems:** As a limit switch to shut down fans or heaters. * **Motor Protection:** To prevent windings from burning out under stall conditions. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific temperature trip point for the TCS-53-R model you are using?
    • ⤷ How do you distinguish between the Normally Open and Normally Closed versions of this switch?
    • ⤷ What are the common failure modes for bimetallic thermal switches?