Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TCS-53-R/Q

  • AI
    The **TCS-53-R/Q** series refers to a specific line of **Temperature Control Switches** (often categorized as thermal protectors or thermostats) commonly used in industrial and consumer electronics to prevent overheating. The suffix **"R"** usually denotes a manual reset function, while **"Q"** typically refers to specific terminal configurations or quick-connect capabilities. --- ### 1. Key Technical Specifications Below are the typical electronic characteristics for the TCS-53 series: | Feature | Specification | | :--- | :--- | | **Contact Type** | Normally Closed (NC) or Normally Open (NO) | | **Rated Voltage** | 125V AC / 250V AC | | **Rated Current** | 5A to 16A (depending on specific sub-model) | | **Temperature Range** | 50°C to 150°C (Fixed increments) | | **Dielectric Strength** | AC 1500V for 1 minute | | **Insulation Resistance** | >100 MΩ | | **Reset Type** | R = Manual Reset; Q = Fast-on Terminals | --- ### 2. Internal Electronic Components The device operates on a **Bimetallic Disc** principle. While it is an electromechanical part, its internal structure includes: 1. **Bimetal Element:** Two bonded metals with different thermal expansion coefficients. When the threshold temperature is reached, the disc "snaps" to change shape. 2. **Contact Points:** Usually silver alloy to minimize electrical resistance and prevent "welding" of the contacts under high load. 3. **Insulating Housing:** High-temperature ceramic or PPS (Polyphenylene Sulfide) plastic to isolate electrical flow from the mounting surface. 4. **Manual Reset Pin (R-version):** A mechanical plunger that allows the user to re-close the circuit only after the temperature has dropped to a safe level. --- ### 3. Circuit Wiring Example In a standard protection circuit, the TCS-53 is wired in series with the load (e.g., a motor or heating element). ```mermaid [Power Source L] ---- [TCS-53-R/Q] ---- [Load/Heater] ---- [Power Source N] ``` --- ### 4. Common Applications * **Household Appliances:** Coffee makers, microwave ovens, and water heaters. * **Industrial Equipment:** Power supplies, welding machines, and motors. * **Safety Circuits:** Used as a secondary thermal cutout in case the primary electronic sensor (like a thermistor) fails.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the manual reset and automatic reset versions in terms of circuit safety?
    • ⤷ How do I choose the correct temperature rating for a TCS-53 switch?
    • ⤷ Can the TCS-53-R/Q handle DC voltage loads?