Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TCS-5D-R

  • AI
    The **TCS-5D-R** is a specific model of a **Miniature PCB Power Relay**, typically manufactured by brands like *Goodsky* or similar electronics component suppliers. It is widely used in automation, domestic appliances, and telecommunications for switching small to medium loads. --- ## Technical Specifications The "TCS-5D-R" nomenclature defines its electrical characteristics. Below is a breakdown of its primary specifications: | Feature | Specification | Details | | :--- | :--- | :--- | | **Coil Voltage** | 5V DC | The "5D" indicates a 5V Direct Current coil. | | **Contact Form** | SPDT (1 Form C) | Single Pole Double Throw (Changeover). | | **Contact Rating** | 1A to 3A | Typically rated for 1A @ 120V AC or 24V DC. | | **Mounting Type** | Through-Hole (PCB) | Standard DIP-style pins for circuit boards. | | **Construction** | Sealed/Washable | The "R" often denotes a dust-cover or flux-tight seal. | --- ## Internal Electronic Components The relay operates through an electromechanical mechanism consisting of the following parts: ### 1. The Electromagnetic Coil * **Material:** Fine copper wire wound around a core. * **Function:** When 5V is applied, it creates a magnetic field that pulls the armature. * **Power Consumption:** Typically low (approx. 150mW to 450mW), making it suitable for transistor-driven circuits. ### 2. The Contacts (Switching Element) * **Material:** Usually Silver Alloy (AgNi or AgSnO2) for conductivity and oxidation resistance. * **Configurations:** * **Common (COM):** The moving part. * **Normally Closed (NC):** Touches COM when powered off. * **Normally Open (NO):** Touches COM when 5V is applied. ### 3. The Return Spring * A mechanical spring that forces the armature back to the "Rest" position (NC) once the 5V power is removed from the coil. --- ## Application Circuit Diagram To use the TCS-5D-R with a microcontroller (like an Arduino), you must account for the **back-EMF** generated by the coil. ```cpp // Typical Driving Logic [Microcontroller Pin] -> [Resistor] -> [Transistor Base] | [Relay Coil] <--- [Flyback Diode (1N4148) in Parallel] | [Ground] ``` ### Protection Components Needed: 1. **Flyback Diode:** Essential to prevent the high-voltage spike from the coil from destroying your control electronics. 2. **Driver Transistor:** A small NPN transistor (like the 2N2222) is required because most microcontrollers cannot provide enough current (approx. 70-100mA) directly to trigger the coil. --- ## Key Advantages * **High Sensitivity:** Can be triggered by low-power circuits. * **Galvanic Isolation:** Physically separates the control circuit (5V) from the load circuit (up to 120V). * **Compact Size:** Ideal for high-density PCB layouts. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching current for the TCS-5D-R?
    • ⤷ Which flyback diode is recommended for a 5V relay circuit?
    • ⤷ Can this relay be used to switch 220V AC loads?