Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TCS-5E-R

  • AI
    The **TCS-5E-R** is a specific model of an electronic component, typically categorized as a **Surface Mount (SMT) Tactile Switch**. These components are widely used in consumer electronics, automotive interfaces, and industrial controls to provide a momentary "click" or physical feedback when pressed. --- ## 1. Technical Specifications The following table outlines the typical electrical and physical characteristics of the TCS-5E-R: | Parameter | Specification | | :--- | :--- | | **Type** | Tactile Switch (Momentary) | | **Mounting Type** | Surface Mount (SMD / SMT) | | **Operating Force** | 160gf to 250gf (typical) | | **Contact Rating** | 50mA, 12V DC | | **Contact Resistance** | ≤ 100mΩ | | **Insulation Resistance** | ≥ 100MΩ (100V DC) | | **Dielectric Strength** | 250V AC for 1 minute | | **Travel** | 0.25mm ± 0.1mm | --- ## 2. Component Structure and Materials The "R" suffix in the part number often refers to **Reel** packaging (Tape & Reel) for automated pick-and-place assembly. ### Internal Parts: 1. **Actuator (Button):** The top part that the user presses. Usually made of high-temperature plastic (LCP or Nylon) to survive reflow soldering. 2. **Contact Dome:** A stainless steel or phosphor bronze spring disk. This is the heart of the switch that creates the "tactile" feel and completes the circuit. 3. **Cover:** A metal plate (often silver-plated) that holds the internal components together. 4. **Base:** A heat-resistant molded resin base containing the fixed terminals. 5. **Terminals:** Silver-plated brass or copper alloy for high conductivity and easy soldering. --- ## 3. Circuit Configuration Tactile switches like the TCS-5E-R are generally **SPST (Single Pole Single Throw)** and operate in a **Normally Open (NO)** state. ```cpp // Logic Representation // State: Idle (OFF) -> Pins are disconnected. // State: Pressed (ON) -> Pins are shorted/connected. ``` --- ## 4. Key Applications * **Consumer Electronics:** Volume buttons on smartphones, power buttons on tablets. * **Peripherals:** Computer mouse buttons or keyboard function keys. * **Industrial:** Reset buttons on PCB controllers. * **Automotive:** Dashboard controls and key fobs.
    ✨ Follow-up Questions
    • ⤷ What is the maximum reflow soldering temperature for the TCS-5E-R?
    • ⤷ How does the 'R' suffix impact the manufacturing process?
    • ⤷ Can this switch be used in AC power applications?