Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TCS-60-R

  • AI
    The **TCS-60-R** typically refers to a specific model of a **Digital Platform Scale** or weighing indicator system used in industrial and commercial environments. The electronic components are designed to convert physical force into a digital readout with high precision. Below is a breakdown of the primary electronic parts found in the TCS-60-R system: ### 1. Core Electronic Components | Component | Description | Function | | :--- | :--- | :--- | | **Load Cell** | A strain-gauge-based transducer (usually S-type or Single Point). | Converts mechanical force (weight) into a millivolt (mV) electrical signal. | | **A/D Converter** | High-precision Analog-to-Digital Integrated Circuit (IC). | Converts the weak analog signal from the load cell into digital data for the CPU. | | **Microcontroller (MCU)** | The "brain" of the scale. | Processes digital weight data, handles tare calculations, and manages the display. | | **Display Unit** | Typically a high-contrast LED or LCD. | Shows weight readings, unit prices, and total costs (Red LED is common for "R" models). | | **Main PCB** | The primary printed circuit board. | Houses the capacitors, resistors, and ICs that stabilize power and signal. | --- ### 2. Power and Interface Electronics * **Power Transformer / AC Adaptor:** Converts high-voltage AC (110V/220V) to low-voltage DC (typically 6V or 9V) to power the internal circuitry. * **Rechargeable Battery:** Most TCS-60-R models include a lead-acid or lithium backup battery (usually 4V/4Ah or 6V/4Ah) for portable use. * **Voltage Regulator IC:** Ensures a constant voltage is supplied to the load cell and CPU to prevent fluctuations in weight readings. * **Keyboard Matrix:** A membrane or tactile switch panel used for inputting prices, taring the scale, and clearing data. --- ### 3. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Max Capacity** | 60 kg | | **Load Cell Sensitivity** | 2.0 ± 0.2 mv/V | | **Excitation Voltage** | 5V - 12V DC | | **Internal Resolution** | 1/30,000 or higher | | **Communication (Optional)** | RS-232 Serial Port for PC/Printer connection | --- ### 4. Signal Flow Overview ```mermaid graph LR A[Weight Applied] --> B[Load Cell] B -- mV Signal --> C[Amplifier & A/D Converter] C -- Digital Signal --> D[Microcontroller] D -- Processed Data --> E[LED/LCD Display] ``` ---
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the TCS-60-R if the weight readings are inaccurate?
    • ⤷ What are the common error codes for the TCS-60-R electronic board?
    • ⤷ How can I replace the internal battery of this scale?